전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

F15555 데이터시트(PDF) 1 Page - Ledil, Inc.

부품명 F15555
상세설명  ~60째 beam. 8X1 variant
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LEDIL [Ledil, Inc.]
홈페이지  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

F15555 데이터시트(HTML) 1 Page - Ledil, Inc.

  F15555 Datasheet HTML 1Page - Ledil, Inc. F15555 Datasheet HTML 2Page - Ledil, Inc. F15555 Datasheet HTML 3Page - Ledil, Inc. F15555 Datasheet HTML 4Page - Ledil, Inc. F15555 Datasheet HTML 5Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PRODUCT
DATASHEET
F15555_JENNY-8X1-60
JENNY-8X1-60
~60° beam. 8X1 variant.
TECHNICAL SPECIFICATIONS:
Dimensions
280.0 x 35.0 mm
Height
13.4 mm
Fastening
glue, pin
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
Finish
JENNY-8X1-60
Multi-lens
Silicone
clear
ORDERING INFORMATION:
Component
Qty in box
MOQ
MPQ
Box weight (kg)
F15555_JENNY-8X1-60
» Box size: 398 x 298 x 265 mm
160
10
9.8
Last update: 23/08/2019
Subject to change without prior notice
Published: 21/01/2019
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.
1/5


유사한 부품 번호 - F15555

제조업체부품명데이터시트상세설명
logo
Ledil, Inc.
F15553 LEDIL-F15553 Datasheet
7Mb / 5P
~20째 beam. 8X1 variant
F15554 LEDIL-F15554 Datasheet
2Mb / 5P
~40째 beam. 8X1 variant
F15558 LEDIL-F15558 Datasheet
1Mb / 29P
Mirella Reflector
F15558 LEDIL-F15558 Datasheet
8Mb / 9P
~15째 spot beam. Compatible with LEDiL HEKLA.
F15558 LEDIL-F15558_18 Datasheet
8Mb / 9P
~15째 spot beam. Compatible with LEDiL HEKLA.
More results

유사한 설명 - F15555

제조업체부품명데이터시트상세설명
logo
Ledil, Inc.
CN17175 LEDIL-CN17175 Datasheet
4Mb / 4P
~50째 wide beam. 8X1 variant in matt black.
CN17176 LEDIL-CN17176 Datasheet
6Mb / 4P
~80째 wide beam. 8X1 variant in matt black.
CN17177 LEDIL-CN17177 Datasheet
6Mb / 4P
~80째 wide beam. 8X1 variant in matt white.
CN17178 LEDIL-CN17178 Datasheet
6Mb / 4P
~50째 wide beam. 8X1 variant in matt white.
CN17343 LEDIL-CN17343 Datasheet
6Mb / 4P
~50째 wide beam. 8X1 variant in matt white with diffused lenses.
CN17345 LEDIL-CN17345 Datasheet
6Mb / 4P
~80째 wide beam. 8X1 variant in matt black with diffused lenses.
F15553 LEDIL-F15553 Datasheet
7Mb / 5P
~20째 beam. 8X1 variant
CS16460 LEDIL-CS16460 Datasheet
5Mb / 7P
~60째 wide beam. PC variant.
CS17149 LEDIL-CS17149 Datasheet
4Mb / 4P
~60째 wide beam. Variant made from PC
F15554 LEDIL-F15554 Datasheet
2Mb / 5P
~40째 beam. 8X1 variant
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com