전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HFE80V-80 데이터시트(PDF) 1 Page - Hongfa Technology

부품명 HFE80V-80
상세설명  LOW VOLTAGE DIRECT CURRENT RELAY
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HONGFA [Hongfa Technology]
홈페이지  http://www.hongfa.com
Logo HONGFA - Hongfa Technology

HFE80V-80 데이터시트(HTML) 1 Page - Hongfa Technology

  HFE80V-80 Datasheet HTML 1Page - Hongfa Technology HFE80V-80 Datasheet HTML 2Page - Hongfa Technology HFE80V-80 Datasheet HTML 3Page - Hongfa Technology HFE80V-80 Datasheet HTML 4Page - Hongfa Technology HFE80V-80 Datasheet HTML 5Page - Hongfa Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
8
:
:
3FCSTQFR
Ficf jiq_l
X
9OSFR. Ub_ ^[n[ mbiqh [\ip_ [l_ chcnc[f p[fo_m5
KPOJID SHMDZ
LTP@7783 LTP6UT8=@;@ 3 LTP8;7783 PKTDT8?7783 LHFR RF 7?7777 FHSULILHG
Gc_f_]nlc]
mnl_hanb
Tbi]e
l_mcmn[h]_
978= S_p5 8578
9OSFR.
9OSFR. Ub_ p[fo_m [\ip_ [l_ ]ihm_lp[ncp_ p[fo_m qcnbch nb_ n_gj_l[nol_
l[ha_14;7
iFni?<iF23 nb_ jc]e4oj pifn[a_ [h^ ^lij4ion pifn[a_ [l_ mbiq_^
ch nb_ Qc] Qc]e4oj Wifn[a_ 6 Glij4ion Wifn[a_ Folp_5
532-}?|-}
7:@ ?:7=/42 16;20= 0>;;29= ;27/B
8777N 1[n <77WGF2
:777WDF 8gch5
9777WDF 8gch5
:7gm g[r5
87gm g[r5
8@=g6m9
;@7g6m9
87Kt ni <77Kt ;@g6m9
<. ni ?<. SK
4;7iFni?<
iF
RF
Djjlir5977a
89
9;
05/;/0=2;6<=60<
0:9=/0= 1/=/
_ F[llscha ]oll_hn ?7D ]ihnchoiomfs [n ?<^
F
_ Oi mj_]c`c] jif[lcns l_kocl_g_hnm `il nb_ ]ihh_]ncih
_ :eW ^c_f_]nlc] mnl_hanb \_nq__h ]icf / ]ihn[]nm
_ Ponfch_ Gcg_hmcihmA 1<<58 r ;95= r ;@582 gg
1<<58 r >=5= r ;@5=2 gg
Lhmof[ncih l_mcmn[h]_
E_nq__h ]icf / ]ihn[]nm
E_nq__h ij_h ]ihn[]nm
Pj_l[n_ ncg_ 1[n higc5 pifn52
S_f_[m_ ncg_ 1[n higc5 pifn52
Ioh]ncih[f
G_mnlo]ncp_
Wc\l[ncih l_mcmn[h]_
Kogc^cns
Dg\c_hn n_gj_l[nol_
U_lgch[ncih
Vhcn q_cabn
Qc]e4oj
Wifn[a_
WGF g[r5
Oigch[f
Wifn[a_
WGF
Glij4ion
Wifn[a_
WGF gch5
0:67
Fihn[]n [ll[ha_g_hn
Fihn[]n l_mcmn[h]_
S[n_^ fi[^ ]oll_hn
N_]b[hc][f _h^ol[h]_
N[r5 mqcn]bcha pifn[a_
N[r5 \l_[echa ]oll_hn
N[r5 mqcn]bcha jiq_l
8D
85<g g[r5X=WGF 97DY
9r87< ijm
8<7WGF
89eX
Hf_]nlc][f
_h^ol[h]_82
S_m5 fi[^
Foll_hn ][llscha
][j[]cns92
857
957
@
8?
?7D
877D
?7DA Fihn5
897DA 97gch
9;7DA :7m
=77DA 8m
Tqcn]bchaA<r87; ijm
1;?WGF3 ?7D2
Tqcn]bchaA8r87< ijm
189WGF3 ?7D2
Tqcn]bchaA:r87; ijm
1>9WGF3 ?7D2
82 Vhncf mj_]c[f mn[n_g_hn3 nb_ n_gj_l[nol_ i` _f_nlc][f
_h^ol[h]_ cm [n 9:
iF [h^ nb_ ih4i`` l[nci cm 75=mA<5;m5
92 Dg\c_hn n_gj_l[nol_ cm liig n_gj_l[nol_ [h^ ]limm m_]ncih
[l_[ i` qcl_ cm 97gg9 gch5 T__ Qc] Hh^ol[h]_ F[j[]cns Folp_
`il gil_ ch`ilg[ncih5
Tqcn]bchaA8r87; ijm
18<7WGF3 ?7D2


유사한 부품 번호 - HFE80V-80

제조업체부품명데이터시트상세설명
logo
Hongfa Technology
HFE80V-100 HONGFA-HFE80V-100 Datasheet
117Kb / 5P
DIRECT CURRENT RELAY
HFE80V-100/150-12-HTC5Y HONGFA-HFE80V-100/150-12-HTC5Y Datasheet
117Kb / 5P
DIRECT CURRENT RELAY
HFE80V-100/150-24-HTC5Y HONGFA-HFE80V-100/150-24-HTC5Y Datasheet
117Kb / 5P
DIRECT CURRENT RELAY
logo
KG Technologies, Inc.
HFE80V-100B KG-HFE80V-100B Datasheet
995Kb / 4P
HIGH VOLTAGE DC RELAY
logo
Hongfa Technology
HFE80V-20 HONGFA-HFE80V-20 Datasheet
90Kb / 4P
DIRECT CURRENT RELAY
More results

유사한 설명 - HFE80V-80

제조업체부품명데이터시트상세설명
logo
American Zettler, Inc.
AZHVDC AZETTLER-AZHVDC Datasheet
5Mb / 15P
High voltage direct current relay
logo
Hongfa Technology
HFE18V-100 HONGFA-HFE18V-100 Datasheet
86Kb / 5P
HIGH VOLTAGE DIRECT CURRENT RELAY
HFE18V-150 HONGFA-HFE18V-150 Datasheet
118Kb / 5P
HIGH VOLTAGE DIRECT CURRENT RELAY
HFE18V-200 HONGFA-HFE18V-200 Datasheet
132Kb / 7P
HIGH VOLTAGE DIRECT CURRENT RELAY
HFE18V-300 HONGFA-HFE18V-300 Datasheet
98Kb / 5P
HIGH VOLTAGE DIRECT CURRENT RELAY
HFE80V-20 HONGFA-HFE80V-20 Datasheet
90Kb / 4P
DIRECT CURRENT RELAY
HFE80V-60 HONGFA-HFE80V-60 Datasheet
72Kb / 4P
DIRECT CURRENT RELAY
HFE80V-200 HONGFA-HFE80V-200 Datasheet
118Kb / 5P
DIRECT CURRENT RELAY
HFE82V-60B HONGFA-HFE82V-60B Datasheet
73Kb / 4P
DIRECT CURRENT RELAY
HFE82V-120 HONGFA-HFE82V-120 Datasheet
87Kb / 5P
DIRECT CURRENT RELAY
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com