전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PJM7N02SA 데이터시트(PDF) 4 Page - Dongguan Pingjingsemi Technology Co., Ltd,

부품명 PJM7N02SA
상세설명  Silicon N-Channel Power MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PJSEMI [Dongguan Pingjingsemi Technology Co., Ltd,]
홈페이지  http://www.pingjingsemi.com/MainEn/Main.aspx
Logo PJSEMI - Dongguan Pingjingsemi Technology Co., Ltd,

PJM7N02SA 데이터시트(HTML) 4 Page - Dongguan Pingjingsemi Technology Co., Ltd,

  PJM7N02SA Datasheet HTML 1Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM7N02SA Datasheet HTML 2Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM7N02SA Datasheet HTML 3Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM7N02SA Datasheet HTML 4Page - Dongguan Pingjingsemi Technology Co., Ltd, PJM7N02SA Datasheet HTML 5Page - Dongguan Pingjingsemi Technology Co., Ltd,  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
PJM7N02SA
Silicon N-Channel Power MOSFET
www.pingjingsemi.com
4 / 5
Revision:1.0 May-2018
Package Outline
SOT-23
Ordering Information
Device
Package
Shipping
PJM7N02SA
SOT-23
3000PCS/Reel&Tape
Symbol
Dimensions in millimeter
Min.
Typ.
Max.
A
0.900
1.025
1.150
A1
0.000
0.050
0.100
b
0.300
0.400
0.500
c
0.080
0.115
0.150
D
2.800
2.900
3.000
E
1.200
1.300
1.400
HE
2.250
2.400
2.550
e
1.800
1.900
2.000
L
0.550REF
L1
0.300
0.500
θ
0o
8o
0.8
1.9
0.8
SOT-23 (TO-236)
Recommended Soldering Pad



Html Pages

1 2 3 4 5