전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PWD13F60 데이터시트(PDF) 15 Page - STMicroelectronics

부품명 PWD13F60
상세설명  High-density power driver -high voltage full bridge with integrated gate driver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PWD13F60 데이터시트(HTML) 15 Page - STMicroelectronics

Back Button PWD13F60 Datasheet HTML 11Page - STMicroelectronics PWD13F60 Datasheet HTML 12Page - STMicroelectronics PWD13F60 Datasheet HTML 13Page - STMicroelectronics PWD13F60 Datasheet HTML 14Page - STMicroelectronics PWD13F60 Datasheet HTML 15Page - STMicroelectronics PWD13F60 Datasheet HTML 16Page - STMicroelectronics PWD13F60 Datasheet HTML 17Page - STMicroelectronics PWD13F60 Datasheet HTML 18Page - STMicroelectronics PWD13F60 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 26 page
background image
DocID030865 Rev 2
15/26
PWD13F60
Functional description
26
6
Functional description
6.1
Logic inputs
The PWD13F60 has four logic inputs to independently control the high side and low side
internal MOSFETs.
An interlocking feature is offered to avoid undesired simultaneous turn on of of both HS and
LS MOSFETs within the same channel (see Table 9).
The logic inputs have internal pull-down resistors. The purpose of these resistors is to pull
logic inputs low in case, for example, there is an interruption in the logic lines or the
controller outputs are in tri-state condition. In this case the gate driver outputs are set to the
low level and the corresponding MOSFETs are turned off.
Table 9. Truth table
HINx
LINx
HSx
LSx
0
0
OFF
OFF
0
1
OFF
ON
1
0
ON
OFF
1
1
OFF
OFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26