전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PI3HDX414 데이터시트(PDF) 4 Page - Diodes Incorporated

부품명 PI3HDX414
상세설명  Low power DisplayPort 1.2 Redriver with DDC/AUX CH Switch
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DIODES [Diodes Incorporated]
홈페이지  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI3HDX414 데이터시트(HTML) 4 Page - Diodes Incorporated

  PI3HDX414 Datasheet HTML 1Page - Diodes Incorporated PI3HDX414 Datasheet HTML 2Page - Diodes Incorporated PI3HDX414 Datasheet HTML 3Page - Diodes Incorporated PI3HDX414 Datasheet HTML 4Page - Diodes Incorporated PI3HDX414 Datasheet HTML 5Page - Diodes Incorporated PI3HDX414 Datasheet HTML 6Page - Diodes Incorporated PI3HDX414 Datasheet HTML 7Page - Diodes Incorporated PI3HDX414 Datasheet HTML 8Page - Diodes Incorporated PI3HDX414 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 51 page
background image
PI3DPX1202A
A product Line of
Diodes Incorporated
4 of 51
www.diodes.com
September 2017
© Diodes Incorporated
PI3DPX1202A
Document number: DS40115 Rev.2-1
2.5
Related Products
Part Numbers
Products Description
Retimers
PI3HDX2711B
HDMI 2.0 and DP++ Retimer (Jitter Cleaner)
PI3HDX711B
HDMI 1.4 and DP++ ReTimer (Jitter Cleaner)
Redrivers
PI3DPX1203B
DisplayPort 1.4 Redriver for Source/Sink/Cable Application, Linear-type
PI3HDX1204B1
HDMI 2.0 Redriver (DP++ Level Shifter), High EQ, place near to the source-side, Limiting type
PI3HDX1204E
HDMI 2.0 Linear Redriver (DP++ Level Shifter) , Link transparent, place near to the sink-side
PI3DPX1207B
DisplayPort 1.4 Alt Type-C Redriver, 8.1 Gbps and USB3.1 10 Gbps, Link Transparent
PI3DPX1202A
Low Power DisplayPort 1.2 Redriver with built-in AUX Listener, Limiting-type
PI3HDX511F
High EQ HDMI 1.4b Redriver and DP++ Level Shifter for Sink/Source Application, Limiting-type
Active Switches & Splitters
PI3DPX1205A
DisplayPort 1.4 Alt Type-C Mux Redriver, 8.1 Gbps and USB3.1 10 Gbps, Link Transparent
PI3HDX231
HDMI 2.0 3:1 ports Mux Redriver, Linear-type
PI3HDX414
HDMI 1.4b 1:4 Demux Redriver & Splitter for 3.4 Gbps Application, Limiting-type
PI3HDX412BD
HDMI 1.4b 1:2 Demux Redriver & Splitter for 3.4 Gbps Application, Limiting-type
PI3HDX621
HDMI 1.4 Redriver 2:1 Active Switch with built-in ARC and Fast Switching support, Limiting-type
2.6
Product Status Definition
Product Status
Definition
(1) Advanced
Information
In Design
Datasheet contains the design specifications for product development. Specifications
may change in any manner without notice.
(1) Preliminary
Engineering
Samples
Datasheet contains preliminary data; supplementary data will be published at a later
date. Diodes Incorporated reserves the right to make changes at any time without no-
tice to improve design.
(2) No Identification
Needed
Full Production
Datasheet contains final specifications. Diodes Incorporated reserves the right to make
changes at any time without notice to improve the design.
(3) Obsolete
Not In Production Datasheet contains specifications on a product that is discontinued by Diodes Incorpo-
rated. The datasheet is for reference information only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51