전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CP17591 데이터시트(PDF) 1 Page - Ledil, Inc.

부품명 CP17591
상세설명  ~40째 wide beam
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LEDIL [Ledil, Inc.]
홈페이지  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

CP17591 데이터시트(HTML) 1 Page - Ledil, Inc.

  CP17591 Datasheet HTML 1Page - Ledil, Inc. CP17591 Datasheet HTML 2Page - Ledil, Inc. CP17591 Datasheet HTML 3Page - Ledil, Inc. CP17591 Datasheet HTML 4Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PRODUCT
DATASHEET
CP17591_LEILA-SC-W
LEILA-SC-W
~40° wide beam
TECHNICAL SPECIFICATIONS:
Dimensions
Ø 21.6 mm
Height
14.8 mm
Fastening
clips
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
Finish
LXP2-W
Single lens
PMMA
LEILA-SC-HLD
Holder
PC
black
ORDERING INFORMATION:
Component
Qty in box
MOQ
MPQ
Box weight (kg)
CP17591_LEILA-SC-W
» Box size: 480 x 280 x 300 mm
Single lens
1680
336
112
0.0
Last update: 05/08/2020
Subject to change without prior notice
Published: 05/08/2020
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.
1/4


유사한 부품 번호 - CP17591

제조업체부품명데이터시트상세설명
logo
Ledil, Inc.
CP17590 LEDIL-CP17590 Datasheet
1Mb / 4P
~10째 x 40째 oval beam
CP17592 LEDIL-CP17592 Datasheet
1Mb / 4P
Asymmetric beam for wall-washing
CP17593 LEDIL-CP17593 Datasheet
1Mb / 4P
~16째 diffused spot beam
CP17594 LEDIL-CP17594 Datasheet
1Mb / 4P
~14째 spot beam
CP17595 LEDIL-CP17595 Datasheet
1Mb / 4P
~30째 wide beam
More results

유사한 설명 - CP17591

제조업체부품명데이터시트상세설명
logo
Ledil, Inc.
FCP15348 LEDIL-FCP15348 Datasheet
6Mb / 5P
~40째 wide beam
FP14997 LEDIL-FP14997 Datasheet
5Mb / 8P
~40째 wide beam
C10973 LEDIL-C10973 Datasheet
1Mb / 5P
~40째 wide beam
CA11183 LEDIL-CA11183 Datasheet
1Mb / 4P
~40째 wide beam
CA14309 LEDIL-CA14309 Datasheet
3Mb / 5P
~40째 wide beam.
CP12636 LEDIL-CP12636 Datasheet
3Mb / 5P
~40째 wide beam
C10923 LEDIL-C10923 Datasheet
1Mb / 6P
~40째 wide beam
C12482 LEDIL-C12482 Datasheet
15Mb / 17P
~40째 wide beam
C12501 LEDIL-C12501 Datasheet
7Mb / 7P
~40째 wide beam
C12358 LEDIL-C12358 Datasheet
1Mb / 5P
~40째 wide beam
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com