전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UBX-16024152-R18 데이터시트(PDF) 25 Page - u-blox AG

부품명 UBX-16024152-R18
상세설명  LTE Cat M1 / NB1 and EGPRS modules
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  U-BLOX [u-blox AG]
홈페이지  https://www.u-blox.com/
Logo U-BLOX - u-blox AG

UBX-16024152-R18 데이터시트(HTML) 25 Page - u-blox AG

Back Button UBX-16024152-R18 Datasheet HTML 21Page - u-blox AG UBX-16024152-R18 Datasheet HTML 22Page - u-blox AG UBX-16024152-R18 Datasheet HTML 23Page - u-blox AG UBX-16024152-R18 Datasheet HTML 24Page - u-blox AG UBX-16024152-R18 Datasheet HTML 25Page - u-blox AG UBX-16024152-R18 Datasheet HTML 26Page - u-blox AG UBX-16024152-R18 Datasheet HTML 27Page - u-blox AG UBX-16024152-R18 Datasheet HTML 28Page - u-blox AG UBX-16024152-R18 Datasheet HTML 29Page - u-blox AG Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 43 page
background image
SARA-R4 series - Data sheet
UBX-16024152 - R18
Electrical specifications
Page 25 of 43
Parameter
Min.
Typical
Max.
Unit
Remarks
Receiver input sensitivity
Band 12 (700 MHz)
–107.0
dBm
Without repetitions
Receiver input sensitivity
Band 28 (700 MHz)
–105.0
dBm
Without repetitions
Receiver input sensitivity
Band 13 (700 MHz)
–105.0
dBm
Without repetitions
Receiver input sensitivity
Band 20 (800 MHz)
–105.0
dBm
Without repetitions
Receiver input sensitivity
Band 5 / 18 / 19 / 26 (850 MHz)
–105.5
dBm
Without repetitions
Receiver input sensitivity
Band 8 (900 MHz)
–106.5
dBm
Without repetitions
Receiver input sensitivity
Band 4 (1700 MHz)
–107.5
dBm
Without repetitions
Receiver input sensitivity
Band 3 (1800 MHz)
–106.0
dBm
Without repetitions
Receiver input sensitivity
Band 2 / 25 (1900 MHz)
–106.0
dBm
Without repetitions
Receiver input sensitivity
Band 1 (2100 MHz)
–107.5
dBm
Without repetitions
Condition: 50  source, throughput > 95%, QPSK modulation, other settings as per 3GPP TS 36.521-1 [8]
Table 14: LTE Cat M1 receiver sensitivity performance
Parameter
Min.
Typical
Max.
Unit
Remarks
Receiver input sensitivity
Band 12 (700 MHz)
–113.5
dBm
Without repetitions
Receiver input sensitivity
Band 28 (700 MHz)
–112.0
dBm
Without repetitions
Receiver input sensitivity
Band 13 (700 MHz)
–112.0
dBm
Without repetitions
Receiver input sensitivity
Band 20 (800 MHz)
–112.0
dBm
Without repetitions
Receiver input sensitivity
Band 5 / 18 / 19 / 26 (850 MHz)
–112.5
dBm
Without repetitions
Receiver input sensitivity
Band 8 (900 MHz)
–113.0
dBm
Without repetitions
Receiver input sensitivity
Band 4 (1700 MHz)
–114.0
dBm
Without repetitions
Receiver input sensitivity
Band 3 (1800 MHz)
–113.0
dBm
Without repetitions
Receiver input sensitivity
Band 2 / 25 (1900 MHz)
–113.0
dBm
Without repetitions
Receiver input sensitivity
Band 1 (2100 MHz)
–114.0
dBm
Without repetitions
Condition: 50  source, throughput > 95%, other settings as per 3GPP TS 36.521-1 [8]
Table 15: LTE Cat NB1 receiver sensitivity performance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com