전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SARA-R410M-02B 데이터시트(PDF) 38 Page - u-blox AG

부품명 SARA-R410M-02B
상세설명  LTE Cat M1 / NB1 and EGPRS modules
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  U-BLOX [u-blox AG]
홈페이지  https://www.u-blox.com/
Logo U-BLOX - u-blox AG

SARA-R410M-02B 데이터시트(HTML) 38 Page - u-blox AG

Back Button SARA-R410M-02B Datasheet HTML 34Page - u-blox AG SARA-R410M-02B Datasheet HTML 35Page - u-blox AG SARA-R410M-02B Datasheet HTML 36Page - u-blox AG SARA-R410M-02B Datasheet HTML 37Page - u-blox AG SARA-R410M-02B Datasheet HTML 38Page - u-blox AG SARA-R410M-02B Datasheet HTML 39Page - u-blox AG SARA-R410M-02B Datasheet HTML 40Page - u-blox AG SARA-R410M-02B Datasheet HTML 41Page - u-blox AG SARA-R410M-02B Datasheet HTML 42Page - u-blox AG Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 43 page
background image
SARA-R4 series - Data sheet
UBX-16024152 - R18
Labeling and ordering information
Page 38 of 43
8.3 Ordering information
Ordering No.
Product
SARA-R404M-00B
LTE Cat M1 module
Designed for operation in LTE band 13
26.0 x 16.0 mm, 250 pieces/reel
SARA-R410M-01B
LTE Cat M1 module
Designed for operation in LTE bands 2, 4, 5, 12
26.0 x 16.0 mm, 250 pieces/reel
SARA-R410M-02B
LTE Cat M1 / NB1 module
Designed for operation in LTE bands 2, 3, 4, 5, 8, 12, 13, 20, 25, 28
26.0 x 16.0 mm, 250 pieces/reel
SARA-R410M-52B
LTE Cat M1 module
Designed for operation in LTE bands 2, 4, 5, 12, 13
26.0 x 16.0 mm, 250 pieces/reel
SARA-R410M-63B
LTE Cat M1 module
Designed for operation in LTE bands 1, 8, 19
26.0 x 16.0 mm, 250 pieces/reel
SARA-R410M-73B
LTE Cat M1 module
Designed for operation in LTE bands 3, 5, 26
26.0 x 16.0 mm, 250 pieces/reel
SARA-R412M-02B
LTE Cat M1 / NB1 and 2G module
Designed for operation in LTE bands 2, 3, 4, 5, 8, 12, 13, 20 and 2G bands 850, 900, 1800, 1900
26.0 x 16.0 mm, 250 pieces/reel
SARA-N410-02B
LTE Cat NB1 module
Designed for operation in LTE bands 2, 3, 4, 5, 8, 12, 13, 28
26.0 x 16.0 mm, 250 pieces/reel
Table 34: Product ordering codes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43