| 전자부품 데이터시트 검색엔진 |
|
MMBTRA224SS 데이터시트(PDF) 1 Page - Dongguan Pingjingsemi Technology Co., Ltd, |
|
|
|||||||||||||||||||||||||||||
MMBTRA224SS 데이터시트(HTML) 1 Page - Dongguan Pingjingsemi Technology Co., Ltd, |
|
1 / 6 page ![]() Feature s • With built-in bias resistor • Simplify circuit design • Reduce a quantity of parts and manufacturing process Type R1 (KΩ) R2 (KΩ) MMBTRA221SS 1 1 MMBTRA222SS 2.2 2.2 MMBTRA223SS 4.7 4.7 MMBTRA224SS 10 10 MMBTRA225SS 1 10 MMBTRA226SS 2.2 10 Absolute Maximum Ratings (Ta = 25 OC) Parameter Symbol Value Unit Output Voltage -VO 50 V Input Voltage MMBTRA221SS -VI 10, -10 V MMBTRA222SS 12, -10 MMBTRA223SS 20, -10 MMBTRA224SS 30, -10 MMBTRA225SS 10, -5 MMBTRA226SS 12, -6 Output Current -IO 300 mA Total Power Dissipation Ptot 200 mW Junction Temperature Tj 150 O C Storage Temperature Range Tstg - 55 to + 150 O C Base (Input) Collector (Output) Emitter (Common) R1 R2 MMBTRA221SS~MMBTRA226SS PNP Digital Transistor 1.Base 2.Emitter 3.Collector SOT-23 (TO-236) 1 / 6 www.pingjingsemi.com Revision:1.0 Jan-2018 Equivalent Circuit Resistor Values/Marking Code Marking 31BT 32BT 33BT 34BT 35BT 36BT |
유사한 부품 번호 - MMBTRA224SS |
|
유사한 설명 - MMBTRA224SS |