전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SAMD21G 데이터시트(PDF) 34 Page - Microchip Technology

부품명 SAMD21G
상세설명  32-bit ARM-Based Microcontrollers
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SAMD21G 데이터시트(HTML) 34 Page - Microchip Technology

Back Button SAMD21G Datasheet HTML 30Page - Microchip Technology SAMD21G Datasheet HTML 31Page - Microchip Technology SAMD21G Datasheet HTML 32Page - Microchip Technology SAMD21G Datasheet HTML 33Page - Microchip Technology SAMD21G Datasheet HTML 34Page - Microchip Technology SAMD21G Datasheet HTML 35Page - Microchip Technology SAMD21G Datasheet HTML 36Page - Microchip Technology SAMD21G Datasheet HTML 37Page - Microchip Technology SAMD21G Datasheet HTML 38Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 59 page
background image
Bit 4 – WDT: 
Writing a zero to these bits has no effect.
Writing a one to these bits will clear the Write Protect bit for the corresponding peripherals.
Value
Description
0
Write-protection is disabled.
1
Write-protection is enabled.
Bit 3 – GCLK
Writing a zero to these bits has no effect.
Writing a one to these bits will clear the Write Protect bit for the corresponding peripherals.
Value
Description
0
Write-protection is disabled.
1
Write-protection is enabled.
Bit 2 – SYSCTRL
Writing a zero to these bits has no effect.
Writing a one to these bits will clear the Write Protect bit for the corresponding peripherals.
Value
Description
0
Write-protection is disabled.
1
Write-protection is enabled.
Bit 1 – PM
Writing a zero to these bits has no effect.
Writing a one to these bits will clear the Write Protect bit for the corresponding peripherals.
Value
Description
0
Write-protection is disabled.
1
Write-protection is enabled.
Write Protect Set
Name: 
WPSET
Offset:  0x04
Reset: 
0x000000
Property:
 
–
Bit
31
30
29
28
27
26
25
24
Access
Reset
Bit
23
22
21
20
19
18
17
16
Access
Reset
32-bit ARM-Based Microcontrollers
© 2017 Microchip Technology Inc.
Datasheet Summary
40001884A-page 34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com