전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SAMV70Q19 데이터시트(PDF) 28 Page - Microchip Technology

부품명 SAMV70Q19
상세설명  SAM E70/S70/V70/V71 Family Silicon Errata and Data Sheet Clarification
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SAMV70Q19 데이터시트(HTML) 28 Page - Microchip Technology

Back Button SAMV70Q19 Datasheet HTML 24Page - Microchip Technology SAMV70Q19 Datasheet HTML 25Page - Microchip Technology SAMV70Q19 Datasheet HTML 26Page - Microchip Technology SAMV70Q19 Datasheet HTML 27Page - Microchip Technology SAMV70Q19 Datasheet HTML 28Page - Microchip Technology SAMV70Q19 Datasheet HTML 29Page - Microchip Technology SAMV70Q19 Datasheet HTML 30Page - Microchip Technology SAMV70Q19 Datasheet HTML 31Page - Microchip Technology SAMV70Q19 Datasheet HTML 32Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 41 page
background image
15.
SDRAM Controller (SDRAMC)
15.1
SDRAM Controller Scrambling Use Limitation
The scrambling/unscrambling feature of the SDRAM Controller (SDRAMC) has a use limitation.
Workaround
The read of a scrambled area must be performed with the same type of access done during the write of
this area. As an example, it is recommended to write using 32-bit words and read 32-bit words.
Affected Silicon Revisions
A
B
X
X
15.2
USB and SDRAM Concurrent Access Issue
USB module functionality is adversely affected with concurrent SDRAM access.
Workaround
Ensure that no concurrent module operations when using both SDRAM and USB.
Affected Silicon Revisions
A
B
X
X
SAM E70/S70/V70/V71 Family
SDRAM Controller (SDRAMC)
© 2018 Microchip Technology Inc.
Datasheet Errata
DS80000767C-page 28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41