전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TL431A 데이터시트(PDF) 4 Page - Dongguan Pingjingsemi Technology Co., Ltd,

부품명 TL431A
상세설명  Programmable Precision Reference
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PJSEMI [Dongguan Pingjingsemi Technology Co., Ltd,]
홈페이지  http://www.pingjingsemi.com/MainEn/Main.aspx
Logo PJSEMI - Dongguan Pingjingsemi Technology Co., Ltd,

TL431A 데이터시트(HTML) 4 Page - Dongguan Pingjingsemi Technology Co., Ltd,

  TL431A Datasheet HTML 1Page - Dongguan Pingjingsemi Technology Co., Ltd, TL431A Datasheet HTML 2Page - Dongguan Pingjingsemi Technology Co., Ltd, TL431A Datasheet HTML 3Page - Dongguan Pingjingsemi Technology Co., Ltd, TL431A Datasheet HTML 4Page - Dongguan Pingjingsemi Technology Co., Ltd,  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4 / 4
Package Outline
SOT-23
Ordering Information
Device
Package
Shipping
TL431/A
/B
SOT-23
3000PCS/Reel&Tape
Symbol
Dimensions in millimeter
Min.
Typ.
Max.
A
0.900
1.025
1.150
A1
0.000
0.050
0.100
b
0.300
0.400
0.500
c
0.080
0.115
0.150
D
2.800
2.900
3.000
E
1.200
1.300
1.400
HE
2.250
2.400
2.550
e
1.800
1.900
2.000
L
0.550REF
L1
0.300
0.500
θ
0o
8o
0.8
1.9
0.8
SOT-23
Recommended soldering pad
www.pingjingsemi.com
Revision:
3.0 Feb-2020
TL431/A/B
Programmable Precision Reference



Html Pages

1 2 3 4