전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

1N4148WS 데이터시트(PDF) 2 Page - Dongguan Pingjingsemi Technology Co., Ltd,

부품명 1N4148WS
상세설명  Silicon Epitaxial Planar Switching Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PJSEMI [Dongguan Pingjingsemi Technology Co., Ltd,]
홈페이지  http://www.pingjingsemi.com/MainEn/Main.aspx
Logo PJSEMI - Dongguan Pingjingsemi Technology Co., Ltd,

1N4148WS 데이터시트(HTML) 2 Page - Dongguan Pingjingsemi Technology Co., Ltd,

  1N4148WS Datasheet HTML 1Page - Dongguan Pingjingsemi Technology Co., Ltd, 1N4148WS Datasheet HTML 2Page - Dongguan Pingjingsemi Technology Co., Ltd, 1N4148WS Datasheet HTML 3Page - Dongguan Pingjingsemi Technology Co., Ltd,  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
1N4148WS
Silicon Epitaxial Planar Switching Diode
Ratings And Characteristic Curves
2 / 3
www.pingjingsemi.com
Revis
ion:2.0 Feb-2019
100
200
300
400
500
0.0
25
50
75
100
125
150
175
Fig.1 Forward Current Derating Curve
Ambient Temperature (
°C)
Fig.3 Typical Instaneous Forward
Characteristics
1.4
0.0
1.0
10
1000
0.2
0.4
0.6
0.8
1.0
1.2
Instaneous Forward Voltage (V)
Fig.2 Typical Reverse Characteristics
0.01
0.1
1
100
20
40
60
80
100
120
00
percent of Rated Peak Reverse Voltage (%)
Fig.4 Typical Junction Capacitance
100
0.1
1
10
100
1.0
10
Reverse Voltage (V)
TJ=25°C
10
TJ=25°C
TJ=150°C
1.6
100
TJ=25°C



Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com