전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BAV19W 데이터시트(PDF) 1 Page - Dongguan Pingjingsemi Technology Co., Ltd,

부품명 BAV19W
상세설명  Silicon Epitaxial Planar Diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PJSEMI [Dongguan Pingjingsemi Technology Co., Ltd,]
홈페이지  http://www.pingjingsemi.com/MainEn/Main.aspx
Logo PJSEMI - Dongguan Pingjingsemi Technology Co., Ltd,

BAV19W 데이터시트(HTML) 1 Page - Dongguan Pingjingsemi Technology Co., Ltd,

  BAV19W Datasheet HTML 1Page - Dongguan Pingjingsemi Technology Co., Ltd, BAV19W Datasheet HTML 2Page - Dongguan Pingjingsemi Technology Co., Ltd, BAV19W Datasheet HTML 3Page - Dongguan Pingjingsemi Technology Co., Ltd,  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
BAV19W thru BAV21W
Silicon Epitaxial Planar Diodes
1 / 3
www.pingjingsemi.com
Revis
ion:1.0 Oct-2017
Features
Fast switching speed
Surface mount package ideally suited for automatic
insertion
SOD-123
1
1Cathode
2Anode
1
2
Absolute Maximum Ratings (Ta=25℃)
Parameter
Symbol
Value
Unit
Repetitive Peak Reverse Voltage
BAV19W
BAV20W
BAV21W
VRRM
120
200
250
V
Reverse Voltage
BAV19W
BAV20W
BAV21W
VR
100
150
200
V
Average Rectified Forward Current
IF(AV)
200
mA
Forward Continuous Current
IFM
400
mA
Repetitive Peak Forward Current
IFRM
625
mA
Non-repetitive Peak Forward Surge Current
at t = 1 ms
at t = 1 s
IFSM
2.5
0.5
A
Power Dissipation
Pd
250
mW
Operating and Storage Temperature Range
TJ, TSTG
- 65 to + 150
℃
Characteristics (Ta=25℃)
Parameter
Symbol
Min.
Max.
Unit
Forward Voltage
at IF = 100 mA
at IF = 200 mA
VF
-
-
1
1.25
V
Reverse Breakdown Voltage
at IR = 100 µA
BAV19W
BAV20W
BAV21W
V(BR)R
120
200
250
-
-
-
V
Reverse Current
at VR = 100 V
BAV19W
at VR = 150 V
BAV20W
at VR = 200 V
BAV21W
IR
-
-
-
100
100
100
nA
Total Capacitance
at VR = 0 , f = 1 MHz
CT
-
5
pF
Reverse Recovery Time
at IF = IR = 30 mA, Irr = 0.1IR, RL = 100 Ω
trr
-
50
ns
Marking :
JX


유사한 부품 번호 - BAV19W

제조업체부품명데이터시트상세설명
logo
Pan Jit International I...
BAV19W PANJIT-BAV19W Datasheet
54Kb / 3P
SURFACE MOUNT SWITCHING DIODES
logo
Transys Electronics
BAV19W TRSYS-BAV19W Datasheet
147Kb / 2P
SURFACE MOUNT SWITCHING DIODE
logo
Won-Top Electronics
BAV19W WTE-BAV19W Datasheet
43Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
logo
Diodes Incorporated
BAV19W DIODES-BAV19W Datasheet
70Kb / 3P
SURFACE MOUNT SWITCHING DIODE
DS12024 Rev. 9 - 2
logo
General Semiconductor
BAV19W GE-BAV19W Datasheet
187Kb / 4P
Small Signal Diodes
More results

유사한 설명 - BAV19W

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
1N4148 VISHAY-1N4148 Datasheet
44Kb / 4P
Silicon Epitaxial Planar Diodes
01-Apr-99
BAV100 VISHAY-BAV100 Datasheet
54Kb / 4P
Silicon Epitaxial Planar Diodes
01-Apr-99
LL4154 VISHAY-LL4154 Datasheet
51Kb / 4P
Silicon Epitaxial Planar Diodes
01-Apr-99
logo
Zowie Technology Corpor...
LL4148 ZOWIE-LL4148 Datasheet
43Kb / 2P
SILICON EPITAXIAL PLANAR DIODES
logo
SEMTECH ELECTRONICS LTD...
MCL914 SEMTECH_ELEC-MCL914 Datasheet
286Kb / 4P
SILICON EPITAXIAL PLANAR DIODES
BAV200 SEMTECH_ELEC-BAV200 Datasheet
166Kb / 2P
SILICON EPITAXIAL PLANAR DIODES
logo
Shenzhen Luguang Electr...
BAS316 LUGUANG-BAS316 Datasheet
401Kb / 3P
Silicon Epitaxial Planar Diodes
logo
SUNMATE electronic Co.,...
LL914 SUNMATE-LL914 Datasheet
290Kb / 1P
SILICON EPITAXIAL PLANAR DIODES
1SS110 SUNMATE-1SS110 Datasheet
244Kb / 1P
SILICON EPITAXIAL PLANAR DIODES
logo
Zibo Seno Electronic En...
BAV19W ZSELEC-BAV19W Datasheet
91Kb / 3P
Silicon Epitaxial Planar Diodes
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com