전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

10W-BPHE 데이터시트(PDF) 2 Page - LinkCom Manufacturing Co., Ltd.

부품명 10W-BPHE
상세설명  LED Driver
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LINKCOM [LinkCom Manufacturing Co., Ltd.]
홈페이지  http://www.linkcom.com.tw
Logo LINKCOM - LinkCom Manufacturing Co., Ltd.

10W-BPHE 데이터시트(HTML) 2 Page - LinkCom Manufacturing Co., Ltd.

  10W-BPHE Datasheet HTML 1Page - LinkCom Manufacturing Co., Ltd. 10W-BPHE Datasheet HTML 2Page - LinkCom Manufacturing Co., Ltd. 10W-BPHE Datasheet HTML 3Page - LinkCom Manufacturing Co., Ltd. 10W-BPHE Datasheet HTML 4Page - LinkCom Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
LED Driver
10W-BPHE Series
(1) All parameters not specially mentioned are measured 230VAC input.
(2) All specifications Typical @25℃, unless otherwise noted, at normal line and load.
*Please contact sales@linkcom.com.tw, sales@linkcomusa.com for more information
IEC 61000-4-2
EMC Compliance
Conducted and Radiated Emmission
Harmonic Current Emissions
EN 61000-3-3
EN 61000-3-2
EN 55015
IEC 61000-4-3
EMC Compliance and Safety
*REFERENCE: www.linkcom.com.tw
PSE
PSE
Notes
(3) Ripple and Noise measured directly at pins/terminals at nom. load, 0.1uF bypass and 47uF electrolytic, pk-pk @20MHz bandwidth.
(4) Specified for free-air convection cooling.
(5) Minimum load is NOT required for proper operation .
L-N 0.5 KV
Conducted RF Disturbances
UL
UL1310
IEC 61000-4-11
Electrostatic Discharge (ESD)
RF Electromagnetic Field
Susceptibility
Power Frequency Magnetic Field
IEC 61000-4-6
IEC 61000-4-8
Electrical Fast Transient
Surge Immunity
IEC 61000-4-4
IEC 61000-4-5
Voltage Dips
Safety
Voltage Fluctuations & Flicker
EMS Standards
8 KV air discharge, 4 KV contact discharge
Linkcom Manufacturing Co., Ltd.
5F., No. 127, Ln. 235, Baoqiao Rd., Xindian Dist., New Taipei City 231-45, Taiwan ▪ T: +886-2-8919-1380 ▪ F: +886-2-8919-1370 ▪ www.linkcom.com.tw



Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com