전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LDT0571-50 데이터시트(PDF) 1 Page - LinkCom Manufacturing Co., Ltd.

부품명 LDT0571-50
상세설명  Driver Transformer
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LINKCOM [LinkCom Manufacturing Co., Ltd.]
홈페이지  http://www.linkcom.com.tw
Logo LINKCOM - LinkCom Manufacturing Co., Ltd.

LDT0571-50 데이터시트(HTML) 1 Page - LinkCom Manufacturing Co., Ltd.

  LDT0571-50 Datasheet HTML 1Page - LinkCom Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
LDT0571-50
Driver Transformer
RoHS Compliant
Operating Temperature -40°C to +85°C
Electrical Specifications @25℃
Inductance:
PIN 2-1 = 220 uH ±7% @ 1KHz/0.5V/Series
Leakage
Inductance:
PIN 2-1 = 2.1 uH Max. @ 250KHz/0.5V (PIN 3-4-6-7-8-9-10 short)
Interwinding
Capacitance
PIN 2-10 = 145 pF Max. @ 100KHz/0.5V (PIN2-1short, pin10-9-8-7short)
PIN 2-1 = 530mohm Max.
PIN 3-4 = 350mohm Max.
PIN 8-7 = 8mohm Max.
PIN 7- 6= 145mohm Max.
D.C.R
PIN 10-9 = 15mohm Max.
Hi-POT :
PRI. – SEC. = 1500Vac
PIN2-1:PIN3-4=2.84±3% :1
PIN2-1:PIN8-7=18.0±3% :1
PIN2-1:PIN7-6=6.0±3% :1
Turn Ratio:
PIN 2-1:PIN 10-9= 9.0±3% :1
Dimensions (Units: mm)
Schematic
1
2
10
9
8
6
4
3
5
7
Mark
1.LDT****----LDT0571
2. X----PRODUCT LINE or BLANK
3. DATE CODE----YYWW
4.SS----50 or BLANK
5. G----RoHS
TOP VIEW
PIN1
LinkCom
LDT****
SUGGESTED PAD LAYOUT


유사한 부품 번호 - LDT0571-50

제조업체부품명데이터시트상세설명
logo
LinkCom Manufacturing C...
LDT0567-50 LINKCOM-LDT0567-50 Datasheet
58Kb / 1P
Driver Transformer
LDT0568-50 LINKCOM-LDT0568-50 Datasheet
58Kb / 1P
Driver Transformer
LDT0583-50 LINKCOM-LDT0583-50 Datasheet
57Kb / 1P
Driver Transformer
LDT0593-50R LINKCOM-LDT0593-50R Datasheet
68Kb / 1P
Gate Drive Transformer
More results

유사한 설명 - LDT0571-50

제조업체부품명데이터시트상세설명
logo
Beijing Yaohuadechang E...
D432-311 YHDC-D432-311 Datasheet
1Mb / 1P
Driver Transformer
D4021-111 YHDC-D4021-111 Datasheet
563Kb / 1P
Driver Transformer
D4025-101 YHDC-D4025-101 Datasheet
566Kb / 1P
Driver Transformer
D4099-211 YHDC-D4099-211 Datasheet
740Kb / 1P
Driver Transformer
D4099-311 YHDC-D4099-311 Datasheet
744Kb / 1P
Driver Transformer
D4185-111 YHDC-D4185-111 Datasheet
1Mb / 1P
Driver Transformer
D4215-101 YHDC-D4215-101 Datasheet
3Mb / 1P
Driver Transformer
D4215-201 YHDC-D4215-201 Datasheet
3Mb / 1P
Driver Transformer
D4215-211 YHDC-D4215-211 Datasheet
3Mb / 1P
Driver Transformer
D4615-111 YHDC-D4615-111 Datasheet
4Mb / 1P
Driver Transformer
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com