전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DP810 데이터시트(PDF) 6 Page - 3M Electronics

부품명 DP810
상세설명  Scotch-Weld™ Low Odor AcrylicAdhesives
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  3M [3M Electronics]
홈페이지  http://www.3m.com
Logo 3M - 3M Electronics

DP810 데이터시트(HTML) 6 Page - 3M Electronics

  DP810 Datasheet HTML 1Page - 3M Electronics DP810 Datasheet HTML 2Page - 3M Electronics DP810 Datasheet HTML 3Page - 3M Electronics DP810 Datasheet HTML 4Page - 3M Electronics DP810 Datasheet HTML 5Page - 3M Electronics DP810 Datasheet HTML 6Page - 3M Electronics DP810 Datasheet HTML 7Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
3M™ Scotch-Weld™
Low Odor Acrylic Adhesives
DP810 • DP810 Black • DP810NS
- 6 -
Surface Preparation
3M™ Scotch-Weld™ Low Odor Acrylic Adhesives can bond oily metal, plastic and
other substrates with very little surface preparation. However, for the most consistent
results and environmental resistance, all substrates should be clean, dry and free of
paint, oxide films, dust, mold release agents and all other surface contaminants. The
amount of surface preparation directly depends on the bond strength and
environmental resistance desired by the user.
The following cleaning methods are suggested for common surfaces.
Steel and Aluminum
1) Wipe free of dust with oil-free solvent such as acetone or isopropyl
alcohol.
2) Sandblast or abrade using clean fine grit abrasives (180 grit or finer).
3) Wipe again with solvent to remove loose particles.
4) If a primer is used, it should be applied within 4 hours after surface
preparation (or see instructions pertinent to a specific primer).
Note: Aluminum may also be acid etched. Follow the manufacturer’s
precautions and directions for this procedure.
Plastic/Rubber
1) Wipe with isopropyl alcohol.*
2) Abrade using fine grit abrasives (180 grit or finer).
3) Remove residue by wiping again with isopropyl alcohol.*
*Note: When using solvents, extinguish all ignition sources and follow the
manufacturer’s precautions and directions for use.



Html Pages

1 2 3 4 5 6 7