| 전자부품 데이터시트 검색엔진 |
|
AS7C331MNTD36A-166TQIN 데이터시트(PDF) 7 Page - Alliance Semiconductor Corporation |
|
|
|||||||||||||||||||||||||||||
AS7C331MNTD36A-166TQIN 데이터시트(HTML) 7 Page - Alliance Semiconductor Corporation |
|
7 / 18 page ![]() ® 12/23/04, V 1.6 Alliance Semiconductor P. 7 of 18 AS7C331MNTD32A AS7C331MNTD36A State diagram for NTD SRAM Absolute maximum ratings Stresses greater than those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only, and functional operation of the device at these or any other conditions outside those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions may affect reliability. Recommended operating conditions at 3.3V I/O Recommended operating conditions at 2.5V I/O Parameter Symbol Min Max Unit Power supply voltage relative to GND VDD, VDDQ –0.5 +4.6 V Input voltage relative to GND (input pins) VIN –0.5 VDD + 0.5 V Input voltage relative to GND (I/O pins) VIN –0.5 VDDQ + 0.5 V Power dissipation Pd –1.8 W Short circuit output current IOUT – 20 mA Storage temperature Tstg –65 +150 oC Temperature under bias Tbias –65 +135 oC Parameter Symbol Min Nominal Max Unit Supply voltage for inputs VDD 3.135 3.3 3.465 V Supply voltage for I/O VDDQ 3.135 3.3 3.465 V Ground supply Vss 0 0 0 V Parameter Symbol Min Nominal Max Unit Supply voltage for inputs VDD 3.135 3.3 3.465 V Supply voltage for I/O VDDQ 2.375 2.5 2.625 V Ground supply Vss 0 0 0 V Dsel Read Burst Burst Write Read Write Burst Read Dsel Read Burst Write Dse l Writ e Burst Dsel Burst Burst Write Read |