| 전자부품 데이터시트 검색엔진 |
|
SM-R2 데이터시트(PDF) 3 Page - SamHop Microelectronics Corp. |
|
|
|||||||||||||||||||||||||||||
SM-R2 데이터시트(HTML) 3 Page - SamHop Microelectronics Corp. |
|
3 / 8 page ![]() Page 3 PIN DESCRIPTION SM-T2 Pin No. 1 2, 13 3 4 5 6 7 8 9 10 11 12 14 Pin Name RIGHTB NC GND BACKWARDB FORWARDB TURBOB SC SO VDD PC OSCO OSCI LEFTB Description The rightward function will be selected, if this pin is connected to GND Negative power supply The backward function will be selected, if this pin is connected to GND The forward function will be selected, if this pin is connected to GND The turbo function will be selected, if this pin is connected to GND Output pin of the encoding signal with carrier frequency Positive power supply Power control output pin Oscillator output pin Oscillator input pin The leftward function will be selected, if this pin is connected to GND SM-R2 Pin No. 1 2 3 4 5 6 7 8 9 10 11 12 13 14 Pin Name VO2 GND SI OSCI OSCO RIGHT LEFT RDB LDB BACKWARD FORWARD TURBO VDD VI1 VO1 VI2 Description Inverter 2 output pin for power amplify Negative power supply Input pin of the encoding signal Oscillator input pin Oscillator output pin Rightward output pin Leftward output pin Leftward function disable, if this pin is connected to GND Backward output pin Forward output pin TURBO output pin Positive power supply Inverter 1 input pin for power amplify Inverter 1 output pin for power amplify Inverter 2 input pin for power amplify 15 16 VER 1.0, DEC. 2000 SM-T2/SM-R2 REMOTE CONTROLLER WITH FIVE FUNCTION SAMHOP Microelectronics Corp. 三合微科股份有限公司 |