전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LP3351 데이터시트(PDF) 4 Page - Lowpower Semiconductor inc

부품명 LP3351
상세설명  PWM Dimming Control for LED Driver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  POWER [Lowpower Semiconductor inc]
홈페이지  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP3351 데이터시트(HTML) 4 Page - Lowpower Semiconductor inc

  LP3351 Datasheet HTML 1Page - Lowpower Semiconductor inc LP3351 Datasheet HTML 2Page - Lowpower Semiconductor inc LP3351 Datasheet HTML 3Page - Lowpower Semiconductor inc LP3351 Datasheet HTML 4Page - Lowpower Semiconductor inc LP3351 Datasheet HTML 5Page - Lowpower Semiconductor inc LP3351 Datasheet HTML 6Page - Lowpower Semiconductor inc LP3351 Datasheet HTML 7Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Preliminary Datasheet
LP3351
Email: marketing@lowpowersemi.com www.lowpowersemi.com
Page 4 of 7
LP3351 Version 0.3 MAR-2018
Absolute Maximum Ratings
Note 1
VIN to GND --------------------------------------------------------------------------------------------------------
−0.3V to +36V
GATE, CS, FB, COMP, OVP, CTRL to GND -------------------------------------------------------------
−0.3V to +20V
Operating Junction Temperature Range (TJ)
------------------------------------------------------
−40
℃ to +150℃
Operation Ambient Temperature Range
--------------------------------------------------------------
−20°C to +85°C
Storage Temperature Range
----------------------------------------------------------------------------
−65°C to +150°C
Maximum Soldering Temperature (at leads, 10sec) ----------------------------------------------- +260°C
Maximum Junction Temperature
----------------------------------------------------------------------- +150°C
Note 1.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress
ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of
the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
Thermal Information
Thermal Resistance
SOP-8,
θ
JA
---------------------------------------------------------------------------------------------------- 112°C/W
SOP-8,
θ
JC
---------------------------------------------------------------------------------------------------- 39°C/W



Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com