전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LP4069B6F 데이터시트(PDF) 8 Page - Lowpower Semiconductor inc

부품명 LP4069B6F
상세설명  800mA Single Chip Li-Ion and Li-Polymer Charger
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  POWER [Lowpower Semiconductor inc]
홈페이지  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP4069B6F 데이터시트(HTML) 8 Page - Lowpower Semiconductor inc

  LP4069B6F Datasheet HTML 1Page - Lowpower Semiconductor inc LP4069B6F Datasheet HTML 2Page - Lowpower Semiconductor inc LP4069B6F Datasheet HTML 3Page - Lowpower Semiconductor inc LP4069B6F Datasheet HTML 4Page - Lowpower Semiconductor inc LP4069B6F Datasheet HTML 5Page - Lowpower Semiconductor inc LP4069B6F Datasheet HTML 6Page - Lowpower Semiconductor inc LP4069B6F Datasheet HTML 7Page - Lowpower Semiconductor inc LP4069B6F Datasheet HTML 8Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
LP4069-01
Oct.-2019
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 8 of 8
Preliminary Datasheet
LP4069
TDFN-8
SYMBOL
MILLIMETER
MIN
NOM
MAX
A
0.70
0.75
0.80
A1
0
0.02
0.05
b
0.18
0.25
0.30
c
0.18
0.20
0.25
D
1.90
2.00
2.10
D2
1.10
1.20
1.30
e
0.50BSC
Nd
1.50BSC
E
1.90
2.00
2.10
E2
0.60
0.70
0.80
L
0.30
0.35
0.40
h
0.15
0.20
0.25



Html Pages

1 2 3 4 5 6 7 8