전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

T1024RDBUG 데이터시트(PDF) 27 Page - Freescale Semiconductor, Inc

부품명 T1024RDBUG
상세설명  QorIQ T1024 Reference Design Board
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

T1024RDBUG 데이터시트(HTML) 27 Page - Freescale Semiconductor, Inc

Back Button T1024RDBUG Datasheet HTML 23Page - Freescale Semiconductor, Inc T1024RDBUG Datasheet HTML 24Page - Freescale Semiconductor, Inc T1024RDBUG Datasheet HTML 25Page - Freescale Semiconductor, Inc T1024RDBUG Datasheet HTML 26Page - Freescale Semiconductor, Inc T1024RDBUG Datasheet HTML 27Page - Freescale Semiconductor, Inc T1024RDBUG Datasheet HTML 28Page - Freescale Semiconductor, Inc T1024RDBUG Datasheet HTML 29Page - Freescale Semiconductor, Inc T1024RDBUG Datasheet HTML 30Page - Freescale Semiconductor, Inc T1024RDBUG Datasheet HTML 31Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 49 page
background image
• Parity: None
• Number of stop bits: 1
• Flow control: Hardware/None
2.16 TDM riser card interface
The T1024RDB can support TDM riser card. The below figure shows the TDM riser card
connector.
Figure 2-17. TDM Riser card connector
2.17 JTAG/COP port
The common on-chip processor (COP) is a part of the T1024 processor’s JTAG module,
and it is implemented as a set of additional instructions and logic. This port can connect
to a dedicated emulator for extensive system debugging. Several third-party emulators in
the market can connect to the host computer through the Ethernet port, USB port, parallel
port, or RS-232. A setup using a USB port emulator is shown in the below figure.
USB Port
USB
Emulator
T1024RDB
COP Port
PC
Figure 2-18. USB port emulator setup
Chapter 2 Architecture
QorIQ T1024 Reference Design Board User Guide, Rev. 0, 04/2015
Freescale Semiconductor, Inc.
27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49