| 전자부품 데이터시트 검색엔진 |
|
1685B 데이터시트(PDF) 2 Page - B&K Precision Corporation |
|
|
|||||||||||||||||||||||||||||
1685B 데이터시트(HTML) 2 Page - B&K Precision Corporation |
|
2 / 3 page ![]() Rear Panel Front Panel Switching DC Power Supplies Models 1685B, 1687B & 1688B Have peace of mind knowing that these power supplies come with built-in OVP (overvoltage protection), OTP (overtemperature protection), and OLP (overload protection) circuitry. These protections help prevent serious damage to equipment in case of power supply failure Fully Protected Custom Presets Flexibility & Performance Designed to Make Your Work Easier Main output terminal Recall preset switch Analog remote control terminal USB device port Mode selection switch Quickly use common voltage and current settings with a flip of the Recall preset switch. Up to three different presets can be set and recalled. Analog Remote Control Capability Use the included connector to wire up to an external variable DC voltage source or variable resistor to remotely control the power supply’s output voltage and current or to turn the output on/off. PC Connectivity Control your instrument through remote control PC software or use programming commands to communicate with your instrument. Cooling fan LED indicators for constant voltage and constant current modes Rotary encoder knobs for quick and precise setting of voltage and current Bright, dual LED displays Rear control indicator Auxiliary output terminal 2 w w w.bk prec ision.c om |