전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TLP293 데이터시트(PDF) 10 Page - Toshiba Semiconductor

부품명 TLP293
상세설명  Infrared LED & Photo Transistor
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP293 데이터시트(HTML) 10 Page - Toshiba Semiconductor

Back Button TLP293 Datasheet HTML 6Page - Toshiba Semiconductor TLP293 Datasheet HTML 7Page - Toshiba Semiconductor TLP293 Datasheet HTML 8Page - Toshiba Semiconductor TLP293 Datasheet HTML 9Page - Toshiba Semiconductor TLP293 Datasheet HTML 10Page - Toshiba Semiconductor TLP293 Datasheet HTML 11Page - Toshiba Semiconductor TLP293 Datasheet HTML 12Page - Toshiba Semiconductor TLP293 Datasheet HTML 13Page - Toshiba Semiconductor TLP293 Datasheet HTML 14Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
TLP293
10
15.
15.
15.
15. EN 60747-5-5 Option (V4) Specification
EN 60747-5-5 Option (V4) Specification
EN 60747-5-5 Option (V4) Specification
EN 60747-5-5 Option (V4) Specification
•
Part number: TLP293 (Note 1)
(Note 1)
(Note 1)
(Note 1)
•
The following part naming conventions are used for the devices that have been qualified according to
option (V4) of EN 60747.
Example: TLP293(V4GR-TL,E
V4: EN 60747 option
GR: CTR rank
TL: Tape type (L direction: TPL)
E: [[G]]/RoHS COMPATIBLE (Note 2)
(Note 2)
(Note 2)
(Note 2)
Note 1: Use TOSHIBA standard type number for safety standard application.
e.g., TLP293(V4GR-TL,E → TLP293
Note 2: Please contact your Toshiba sales representative for details on environmental information such as the product's
RoHS compatibility.
RoHS is the Directive 2011/65/EU of the European Parliament and of the Council of 8 June 2011 on the
restriction of the use of certain hazardous substances in electrical and electronic equipment.
Fig.
Fig.
Fig.
Fig. 15.1
15.1
15.1
15.1 EN 60747 Insulation Characteristics
EN 60747 Insulation Characteristics
EN 60747 Insulation Characteristics
EN 60747 Insulation Characteristics
2019-11-29
Rev.6.0
©2016-2019
Toshiba Electronic Devices & Storage Corporation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15