| 전자부품 데이터시트 검색엔진 |
|
AS7C331MPFS18A-166TQIN 데이터시트(PDF) 2 Page - Alliance Semiconductor Corporation |
|
|
|||||||||||||||||||||||||||||
AS7C331MPFS18A-166TQIN 데이터시트(HTML) 2 Page - Alliance Semiconductor Corporation |
|
2 / 19 page ![]() 12/23/04, v 2.6 Alliance Semiconductor 2 of 19 AS7C331MPFS18A ® 16 Mb Synchronous SRAM products list1,2 1 Core Power Supply: VDD = 3.3V + 0.165V 2 I/O Supply Voltage: VDDQ = 3.3V + 0.165V for 3.3V I/O VDDQ = 2.5V + 0.125V for 2.5V I/O PL-SCD : Pipelined Burst Synchronous SRAM - Single Cycle Deselect PL-DCD : Pipelined Burst Synchronous SRAM - Double Cycle Deselect FT : Flow-through Burst Synchronous SRAM NTD1-PL : Pipelined Burst Synchronous SRAM with NTDTM NTD-FT : Flow-through Burst Synchronous SRAM with NTDTM Org Part Number Mode Speed 1MX18 AS7C331MPFS18A PL-SCD 166/133 MHz 512KX32 AS7C33512PFS32A PL-SCD 166/133 MHz 512KX36 AS7C33512PFS36A PL-SCD 166/133 MHz 1MX18 AS7C331MPFD18A PL-DCD 166/133 MHz 512KX32 AS7C33512PFD32A PL-DCD 166/133 MHz 512KX36 AS7C33512PFD36A PL-DCD 166/133 MHz 1MX18 AS7C331MFT18A FT 7.5/8.5/10 ns 512KX32 AS7C33512FT32A FT 7.5/8.5/10 ns 512KX36 AS7C33512FT36A FT 7.5/8.5/10 ns 1MX18 AS7C331MNTD18A NTD-PL 166/133 MHz 512KX32 AS7C33512NTD32A NTD-PL 166/133 MHz 512KX36 AS7C33512NTD36A NTD-PL 166/133 MHz 1MX18 AS7C331MNTF18A NTD-FT 7.5/8.5/10 ns 512KX32 AS7C33512NTF32A NTD-FT 7.5/8.5/10 ns 512KX36 AS7C33512NTF36A NTD-FT 7.5/8.5/10 ns 1NTD: No Turnaround Delay. NTDTM is a trademark of Alliance Semiconductor Corporation. All trademarks mentioned in this document are the property of their respective owners. |