전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDA7492PE 데이터시트(PDF) 20 Page - STMicroelectronics

부품명 TDA7492PE
상세설명  45 W 45 W dual BTL class-D audio amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7492PE 데이터시트(HTML) 20 Page - STMicroelectronics

Back Button TDA7492PE Datasheet HTML 16Page - STMicroelectronics TDA7492PE Datasheet HTML 17Page - STMicroelectronics TDA7492PE Datasheet HTML 18Page - STMicroelectronics TDA7492PE Datasheet HTML 19Page - STMicroelectronics TDA7492PE Datasheet HTML 20Page - STMicroelectronics TDA7492PE Datasheet HTML 21Page - STMicroelectronics TDA7492PE Datasheet HTML 22Page - STMicroelectronics TDA7492PE Datasheet HTML 23Page - STMicroelectronics TDA7492PE Datasheet HTML 24Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
Package mechanical data
TDA7492PE
20/24
DocID027029 Rev 1
7
Package mechanical data
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
The TDA7492PE comes in a 36-pin PowerSSO package with exposed pad down.
Figure 17 shows the package outline and Table 14 gives the dimensions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24