전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TLP183 데이터시트(PDF) 4 Page - Toshiba Semiconductor

부품명 TLP183
상세설명  Photocouplers Infrared LED & Photo Transistor
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP183 데이터시트(HTML) 4 Page - Toshiba Semiconductor

  TLP183 Datasheet HTML 1Page - Toshiba Semiconductor TLP183 Datasheet HTML 2Page - Toshiba Semiconductor TLP183 Datasheet HTML 3Page - Toshiba Semiconductor TLP183 Datasheet HTML 4Page - Toshiba Semiconductor TLP183 Datasheet HTML 5Page - Toshiba Semiconductor TLP183 Datasheet HTML 6Page - Toshiba Semiconductor TLP183 Datasheet HTML 7Page - Toshiba Semiconductor TLP183 Datasheet HTML 8Page - Toshiba Semiconductor TLP183 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
TLP183
4
9.
9.
9.
9. Isolation Characteristics (Unless otherwise specified, T
Isolation Characteristics (Unless otherwise specified, T
Isolation Characteristics (Unless otherwise specified, T
Isolation Characteristics (Unless otherwise specified, Taaaa = 25
= 25
= 25
= 25 
))))
Characteristics
Total capacitance (input to output)
Isolation resistance
Isolation voltage
Symbol
CS
RS
BVS
Note
(Note 1)
(Note 1)
(Note 1)
Test Condition
VS = 0 V, f = 1 MHz
VS = 500 V, R.H. ≤ 60 %
AC, 60 s
Min
1012
3750
Typ.
0.8
1014
Max
Unit
pF
Ω
Vrms
Note 1: This device is considered as a two-terminal device: Pins 1 and 3 are shorted together, and pins 4 and 6 are
shorted together.
10.
10.
10.
10. Switching Characteristics (Unless otherwise specified, T
Switching Characteristics (Unless otherwise specified, T
Switching Characteristics (Unless otherwise specified, T
Switching Characteristics (Unless otherwise specified, Taaaa = 25
= 25
= 25
= 25 
))))
Characteristics
Rise time
Fall time
Turn-on time
Turn-off time
Turn-on time
Storage time
Turn-off time
Turn-on time
Storage time
Turn-off time
Symbol
tr
tf
ton
toff
ton
ts
toff
ton
ts
toff
Note
Test Condition
VCC = 10 V, IC = 2 mA,
RL = 100 Ω
See Fig. 10.1
RL = 1.9 kΩ, VCC = 5 V,
IF = 16 mA
See Fig. 10.1
RL = 4.7 kΩ, VCC = 5 V,
IF = 1.6 mA
Min
Typ.
2
3
3
3
1.3
20
35
10
9
47
Max
Unit
µs
Fig.
Fig.
Fig.
Fig. 10.1
10.1
10.1
10.1 Switching Time Test Circuit and Waveform
Switching Time Test Circuit and Waveform
Switching Time Test Circuit and Waveform
Switching Time Test Circuit and Waveform
2019-11-18
Rev.7.0
©2016-2019
Toshiba Electronic Devices & Storage Corporation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com