전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

WM8960CGEFL 데이터시트(PDF) 44 Page - Cirrus Logic

부품명 WM8960CGEFL
상세설명  Speaker and Headphone Drivers for Portable Audio Applications
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CIRRUS [Cirrus Logic]
홈페이지  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8960CGEFL 데이터시트(HTML) 44 Page - Cirrus Logic

Back Button WM8960CGEFL Datasheet HTML 40Page - Cirrus Logic WM8960CGEFL Datasheet HTML 41Page - Cirrus Logic WM8960CGEFL Datasheet HTML 42Page - Cirrus Logic WM8960CGEFL Datasheet HTML 43Page - Cirrus Logic WM8960CGEFL Datasheet HTML 44Page - Cirrus Logic WM8960CGEFL Datasheet HTML 45Page - Cirrus Logic WM8960CGEFL Datasheet HTML 46Page - Cirrus Logic WM8960CGEFL Datasheet HTML 47Page - Cirrus Logic WM8960CGEFL Datasheet HTML 48Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 94 page
background image
WM8960
44
Rev 4.4
When DC blocking capacitors are used, then their capacitance and the load resistance together
determine the lower cut-off frequency, fc. Increasing the capacitance lowers fc, improving the bass
response. Smaller capacitance values will diminish the bass response. Assuming a 32
 load and C1,
C2 = 100
F:
fc = 1 / 2 RLC1 = 1 / (2 x 32 x 100F) = 50 Hz
In the DC coupled configuration, the headphone “ground” is connected to the OUT3 pin, which must
be enabled by setting OUT3 = 1 and muted by setting L2MO=0 and R2MO=0. As the OUT3 pin
produces a DC voltage of AVDD/2 (=VREF), there is no DC offset between HP_L/HP_R and OUT3,
and therefore no DC blocking capacitors are required. This saves space and material cost in portable
applications.
It is recommended to connect the DC coupled headphone outputs only to headphones, and not to the
line input of another device. Although the built-in short circuit protection will prevent any damage to
the headphone outputs, such a connection may be noisy, and may not function properly if the other
device is grounded.
CLASS D SPEAKER OUTPUTS
The class D speaker outputs SPK_LN/SPK_LP and SPK_RN/SPK_RP can drive 1W into 8
 BTL
speakers. Class D outputs reduce power consumption and maximise efficiency by reducing power
dissipated in the output drivers, delivering most of the power directly to the load. This is achieved by
pulse width modulation (PWM) of a high frequency square wave, allowing the audio signal level to be
set by controlling the pulse width. The frequency of the output waveform is controlled by DCLKDIV,
and is derived from SYSCLK.
When the speakers are close to the device (typically less than about 100mm), the internal filtering
effects of the speaker can be used. Where signals are routed over longer distances, it is
recommended to use additional passive filtering, positioned close to the WM8960, to reduce EMI. See
"Applications Information" for more information on EMI reduction.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R8 (08h)
Clocking (2)
8:6
DCLKDIV
111
Controls clock division from
SYSCLK to generate suitable class
D clock.
000 = SYSCLK / 1.5
001 = SYSCLK / 2
010 = SYSCLK / 3
011 = SYSCLK / 4
100 = SYSCLK / 6
101 = SYSCLK / 8
110 = SYSCLK / 12
111 = SYSCLK / 16
R49 (31h)
Class D
Control (1)
7:6
SPK_OP_EN
[1:0]
00
Enable Class D Speaker Outputs
00 = Off
01 = Left speaker only
10 = Right speaker only
11 = Left and right speakers enabled
Table 28 Class D Control Registers
The class D outputs require a PWM switching clock, which is derived from SYSCLK. This clock should
not be altered or disabled while the class D outputs are enabled.
See "Clocking and Sample Rates" for more information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com