| 전자부품 데이터시트 검색엔진 |
|
MP23DB01HPTR 데이터시트(PDF) 9 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
MP23DB01HPTR 데이터시트(HTML) 9 Page - STMicroelectronics |
|
9 / 15 page ![]() DocID034289 Rev 2 9/15 MP23DB01HP Functionality 15 4 Functionality 4.1 L/R channel selection The L/R digital pad lets the user select the DOUT signal pattern as explained in Table 8. The L/R pin must be connected to Vdd or GND. Note: As the L/R pin is internally connected to GND via a 200k pull-down resistor, it is not mandatory to connect the pin itself to GND for the respective channel selection. Table 8. L/R channel selection L/R CLK low CLK high GND Data valid High impedance Vdd High impedance Data valid |