| 전자부품 데이터시트 검색엔진 |
|
IS25LP016D-RLLA3 데이터시트(PDF) 33 Page - Integrated Silicon Solution, Inc |
|
|
|||||||||||||||||||||||||||||
IS25LP016D-RLLA3 데이터시트(HTML) 33 Page - Integrated Silicon Solution, Inc |
|
33 / 114 page ![]() IS25LP016D IS25WP016D Integrated Silicon Solution, Inc.- www.issi.com 33 Rev. B10 03/09/2020 Figure 8.4 Fast Read Dual I/O Sequence (with command decode cycles) 7 5 3 7 5 1 3 1 Data Out 1 Instruction = BBh 22 CE # SCK 2 0 6 4 3-byte Address High Impedance 20 18 ... 0 1 2 3 4 5 6 7 8 9 10 ... 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 Mode 3 Mode 0 ... tV 23 3 1 7 5 21 19 ... IO0 IO1 3 1 2 0 6 4 2 6 4 0 2 0 4 Dummy Cycles 7 5 3 1 6 4 2 0 7 5 ... 6 4 ... CE # SCK IO0 IO1 Data Out 2 Data Out 3 Mode Bits Mode Bits Notes: 1. If the mode bits=AXh ( where X is don’t care), it can execute the AX read mode (without command). When the mode bits are different from AXh, the device exits the AX read operation. 2. Number of dummy cycles depends on clock speed. Detailed information in Table 6.11 Read Dummy Cycles. 3. Sufficient dummy cycles are required to avoid I/O contention. If the number of dummy cycles and AX bit cycles are same, then X should be Hi-Z. |