| 전자부품 데이터시트 검색엔진 |
|
MXT1664T3-ABESSQTP 데이터시트(PDF) 33 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MXT1664T3-ABESSQTP 데이터시트(HTML) 33 Page - Microchip Technology |
|
33 / 98 page ![]() MXT1664T3 2.0 2018 Microchip Technology Inc. DS40002054A-page 33 7.3 I2C Address Selection – ADDSEL Pin TABLE 7-3: COMMUNICATIONS MODE SELECTION I2CMODE ADDSEL Mode 0 (HID-I2C selected) 0 (Address = 0x4A) HID-I2C communications at 0x4A 1 (Address = 0x4B) HID-I2C communications at 0x4B 1 (I2C selected) 0 (Address = 0x4A) I2C communications at 0x4A 1 (Address = 0x4B) I2C communications at 0x4B No input or input floating (auto selection) 0 (Primary address = 0x4A, secondary address = 0x4B) I2C communications at 0x4A (primary address) HID-I2C communications at 0x4B (secondary address) 1 (Primary address = 0x4B, secondary address = 0x4A) I2C communications at 0x4B (primary address) HID-I2C communications at 0x4A (secondary address) If the I2CMODE pin is not floating (that is, a particular mode is chosen), the I2C address is selected by connecting the ADDSEL pin according to Table 7-4. TABLE 7-4: I2C ADDRESS SELECTION ADDSEL I2C Address Connected to GND 0x4A Pulled up to VddIO (1) 0x4B Note 1: Requires a pull-up resistor; see Section 2.0 “Schematics” |