| 전자부품 데이터시트 검색엔진 |
|
MXT1664T3-C4BESSQTP 데이터시트(PDF) 53 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MXT1664T3-C4BESSQTP 데이터시트(HTML) 53 Page - Microchip Technology |
|
53 / 98 page ![]() MXT1664T3 2.0 2018 Microchip Technology Inc. DS40002054A-page 53 FIGURE 10-9: SEND AUTO-RETURN – PACKET SEQUENCE The USB report ID used is that for Object Protocol commands and responses; see Table 10-3 on page 50 for the value. The command packet has the format given in Figure 10-10. FIGURE 10-10: SEND AUTO-RETURN – COMMAND PACKET FORMAT In Figure 10-10: • Rpt ID is the USB report ID used is that for Object Protocol commands and responses (see Table 10-3 on page 50 for the value). • Command ID is the command ID for the Send Auto-return command (0x88). • Reserved Bytes are reserved bytes with a value of 0x00. The response packet has the format given in Figure 10-11. Note that with this command, the command packet does not include an address pointer as the device already knows the address of the Message Processor T5 object. FIGURE 10-11: SEND AUTO-RETURN – RESPONSE PACKET FORMAT Once the device has responded to the command, it starts sending message data. Each time a message is generated in the Message Processor T5 object, the device automatically sends a message packet to the host with the data. The message packets have the format given in Figure 10-12. Send Auto-return Command Packet Response Packet Message Data Packet Message Data Packet Message Data Packet Null Packet to Terminate Host Device : : : 0x88 Command ID Rpt ID Reserved Bytes (62 Bytes) 0x00 0x00 ... 0x88 Command Received Rpt ID Reserved Bytes (62 Bytes) 0x00 0x00 ... |