전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

R5000 데이터시트(PDF) 2 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

부품명 R5000
상세설명  0.5/0.2Amp High Voltage Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
홈페이지  http://www.yfwdiode.com/
Logo YFWDIODE - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

R5000 데이터시트(HTML) 2 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

  R5000 Datasheet HTML 1Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD R5000 Datasheet HTML 2Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD R5000 Datasheet HTML 3Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
R1200 THRU R5000 SMA
2 / 3
www.yfwdiode.com
Dongguan YFW Electronics Co, Ltd.
0.4
0.2
Ratings And Characteristic Curves
R1200 THRU R5000
Number Of Cycles At 60 Hz
FIG. 2-MAXIMUM NON-REPETITIVE PEAK FORWARD
SURGE CURRENT
FIG. 1- FORWARD CURRENT DERATING CURVE
0
30
60
90
120
150
1,000
100
10
1
0.1
0.01
TJ=100 C
TJ=25 C
Percent Of Peak Reverse Voltage
FIG. 3-TYPICAL REVERSE CHARACTERISTICS
Ambient Temperature
C
0.5
0.3
0.1
0
0
25
50
75
100
125
150
175
Single Phase
Half Wave 60Hz
Resistive or
inductive Load
30
25
20
15
10
5.0
1
10
100
8.3ms SINGLE HALF SINE-WAVE
(JEDEC Method)
R2000-R5000
R1200-R1800



Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com