| 전자부품 데이터시트 검색엔진 |
|
PIC16F913E/ML301 데이터시트(PDF) 47 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F913E/ML301 데이터시트(HTML) 47 Page - Microchip Technology |
|
47 / 272 page ![]() © 2005 Microchip Technology Inc. Preliminary DS41250E-page 45 PIC16F917/916/914/913 FIGURE 3-9: BLOCK DIAGRAM OF RB<3:0> Q D CK Data Latch TRIS Latch RD TRISB RD PORTB Q D CK TTL Input Buffer SE<3:0> and LCDEN Data Bus WR PORTB WR TRISB P VDD I/O Pin VDD Weak Pull-up SE<3:0> SEG<3:0> INT(2) Schmitt Trigger SE0 and LCDEN RBPU(1) Note 1: To enable weak pull-ups, set the appropriate TRIS bit(s) and clear the RBPU bit. 2: RB0 only. SE<3:0> and LCDEN |