| 전자부품 데이터시트 검색엔진 |
|
AS29F010 데이터시트(PDF) 9 Page - Alliance Semiconductor Corporation |
|
|
|||||||||||||||||||||||||||||
AS29F010 데이터시트(HTML) 9 Page - Alliance Semiconductor Corporation |
|
9 / 10 page ![]() ® $65<)343 $65<)343 $65<)343 $65<)343 #### ','#4407333:0$1#72:233 ','#4407333:0$1#72:233 ','#4407333:0$1#72:233 ','#4407333:0$1#72:233 $//,$1&(#6(0,&21'8&725 $//,$1&(#6(0,&21'8&725 $//,$1&(#6(0,&21'8&725 $//,$1&(#6(0,&21'8&725 <<<< 'DWD#UHWHQWLRQ $65<)343#RUGHULQJ#LQIRUPDWLRQ $65<)343#SDUW#QXPEHULQJ#V\VWHP Parameter Temperature Min Unit Minimum pattern data retention time 150° 10 years 125° 20 years Package \ Access time 120 ns 150 ns Plastic DIP, 600 mil, 32-pin AS29F010-120PC AS29F010-150PC PLCC, 0.55 × 0.45'' 32-pin AS29F010-120LC AS29F010-150LC TSOP, 8×20 mm, 32-pin AS29F010-120TC AS29F010-150TC AS29F 010 –XXX X C Flash EEPROM prefix Device number Address access time Package: P = PDIP L = PLCC T = TSOP Commercial temperature range, 0°C to 70 °C |