| 전자부품 데이터시트 검색엔진 |
|
AS29F040-55LC 데이터시트(PDF) 9 Page - Alliance Semiconductor Corporation |
|
|
|||||||||||||||||||||||||||||
AS29F040-55LC 데이터시트(HTML) 9 Page - Alliance Semiconductor Corporation |
|
9 / 18 page ![]() ® $65<)373 $65<)373 $65<)373 $65<)373 ','#440533440$1#728233 ','#440533440$1#728233 ','#440533440$1#728233 ','#440533440$1#728233 $//,$1&(#6(0,&21'8&725 $//,$1&(#6(0,&21'8&725 $//,$1&(#6(0,&21'8&725 $//,$1&(#6(0,&21'8&725 <<<< '$7$#SROOLQJ#DOJRULWKP * VA = Byte address for programming. VA = any of the sector addresses within the sector being erased during sector erase. VA = valid address equals any non-protected sector group address during chip erase. † DQ7 rechecked even if DQ5 = 1 because DQ5 and DQ7 may not change simultaneously. 7RJJOH#ELW#DOJRULWKP * DQ6 rechecked even if DQ5 = 1 because DQ6 may stop toggling when DQ5 changes to 1. Read byte (DQ0–DQ7) Address = VA * Read byte (DQ0–DQ7) Address = VA * NO DONE NO NO YES YES YES DONE DQ7 = data? YES NO Is time elapsed = 1ms? DONE START Issue Reset/read command Addr = X Data = F0h DQ5 = 1? DQ7 = data†? Read byte (DQ0–DQ7) Address = don’t care Read byte (DQ0–DQ7) Address = don’t care NO DONE YES YES YES NO NO DONE DQ6 toggle? toggle*? DQ5 = 1? START two times with OE toggling Does two times with OE toggling Does DQ6 DONE Issue Reset/read command Addr = X Data = F0h |