전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74LVC2T45DCT 데이터시트(PDF) 13 Page - Texas Instruments

부품명 SN74LVC2T45DCT
상세설명  Dual-Bit Dual-Supply Bus Transceiver With Configurable Voltage Translation
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC2T45DCT 데이터시트(HTML) 13 Page - Texas Instruments

Back Button SN74LVC2T45DCT Datasheet HTML 9Page - Texas Instruments SN74LVC2T45DCT Datasheet HTML 10Page - Texas Instruments SN74LVC2T45DCT Datasheet HTML 11Page - Texas Instruments SN74LVC2T45DCT Datasheet HTML 12Page - Texas Instruments SN74LVC2T45DCT Datasheet HTML 13Page - Texas Instruments SN74LVC2T45DCT Datasheet HTML 14Page - Texas Instruments SN74LVC2T45DCT Datasheet HTML 15Page - Texas Instruments SN74LVC2T45DCT Datasheet HTML 16Page - Texas Instruments SN74LVC2T45DCT Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
B1
DIR
5
7
A1
2
VCCA
VCCB
B2
6
A2
3
13
SN74LVC2T45
www.ti.com
SCES516K – DECEMBER 2003 – REVISED JUNE 2017
Product Folder Links: SN74LVC2T45
Submit Documentation Feedback
Copyright © 2003–2017, Texas Instruments Incorporated
8 Detailed Description
8.1 Overview
The SN74LVC2T45 is dual-bit, dual-supply noninverting voltage level translation. Pin Ax and direction control pin
are support by VCCA and pin Bx are support by VCCB. The A port is able to accept I/O voltages ranging from 1.65
V to 5.5 V, while the B port can accept I/O voltages from 1.65 V to 5.5 V. The high on DIR allows data
transmission from A to B and a low on DIR allows data transmission from B to A.
8.2 Functional Block Diagram
Figure 18. Logic Diagram (Positive Logic)
8.3 Feature Description
8.3.1 Fully Configurable Dual-Rail Design Allows Each Port to Operate Over the Full 1.65-V to 5.5-V
Power-Supply Range
Both VCCA and VCCB can be supplied at any voltage between 1.65 V and 5.5 V making the device suitable for
translating between any of the voltage nodes (1.8-V, 2.5-V, 3.3-V and 5-V).
8.3.2 Support High-Speed Translation
SN74LVC2T45 can support high data rate application. The translated signal data rate can be up to 420 Mbps
when signal is translated from 3.3 V to 5 V.
8.3.3 Ioff Supports Partial-Power-Down Mode Operation
Ioff will prevent backflow current by disabling I/O output circuits when device is in partial-power-down mode.
8.4 Device Functional Modes
Table 1 lists the functional modes of the SN74LVC2T45 device.
(1)
Input circuits of the data I/Os always are active.
Table 1. Function Table(1) (Each Transceiver)
INPUT
DIR
OPERATION
L
B data to A bus
H
A data to B bus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com