| 전자부품 데이터시트 검색엔진 |
|
SARA-R510S 데이터시트(PDF) 41 Page - u-blox AG |
|
|
|||||||||||||||||||||||||||||
SARA-R510S 데이터시트(HTML) 41 Page - u-blox AG |
|
41 / 43 page ![]() SARA-R5 series - Data sheet UBX-19016638 - R06 Appendix Page 41 of 43 C1-Public Abbreviation Definition PTCRB PCS Type Certification Review Board PUCCH Physical Uplink Control Channel QPSK Quadrature Phase Shift Keying modulation QZSS Quasi-Zenith Satellite System RACH Random Access Channel RAM Random Access Memory RAT Radio Access Technology RF Radio Frequency RI Ring Indicator RIL Radio Interface Layer RRC Radio Resource Control RTC Real Time Clock RTS Request To Send Rx Reception SAW Surface Acoustic Wave SBAS Satellite-Based Augmentation System SCL Serial Clock SDA Serial Data SDIO Secure Digital Input Output SIM Subscriber Identity Module SMS Short Message Service SPG Standard Precision GNSS SPI Serial Peripheral Interface SSL Secure Socket Layer TBS Transport Block Size TCP Transmission Control Protocol TDD Time Division Duplex TLS Transport Layer Security TS Technical Specification Tx Transmission TXD Transmit Data UART Universal Asynchronous Receiver/Transmitter uCSP u-blox Common Services Platform UDP User Datagram Protocol UE User Equipment uFOTA u-blox Firmware (update) Over-The-Air UL Uplink (Transmission) URC Unsolicited Result Code USB Universal Serial Bus VoLTE Voice over LTE VSWR Voltage Standing Wave Ratio WA Word Alignment Table 29: Explanation of the abbreviations and terms used |