| 전자부품 데이터시트 검색엔진 |
|
PC48F2P0VB00 데이터시트(PDF) 92 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
PC48F2P0VB00 데이터시트(HTML) 92 Page - Intel Corporation |
|
92 / 102 page ![]() 1-Gbit P30 Family April 2005 Intel StrataFlash® Embedded Memory (P30) Datasheet 92 Order Number: 306666, Revision: 001 Figure 47. Protection Register Programming Flowchart FULL STATUS CHECK PROCEDURE Program Protection Register operation addresses must be within the Protection Register address space. Addresses outside this space will return an error. Repeat for subsequent programming operations. Full Status Register check can be done after each program, or after a sequence of program operations. Write 0xFF after the last operation to set Read Array state. Only the Clear Staus Register command clears SR[1, 3, 4]. If an error is detected, clear the Status register before attempting a program retry or other error recovery. 1 0 1 1 1 PROTECTION REGISTER PROGRAMMING PROCEDURE Start Write 0xC0, PR Address Write PR Address & Data Read Status Register SR[7] = Full Status Check (if desired) Program Complete Read Status Register Data Program Successful SR[3] = SR[4] = SR[1] = V PP Range Error Program Error Register Locked; Program Aborted Idle Idle Bus Operation None None Command Check SR[3]: 1 =V PP Range Error Check SR[4]: 1 =Programming Error Comments Write Write Idle Program PR Setup Protection Program None Data = 0xC0 Addr = First Location to Program Data = Data to Program Addr = Location to Program Check SR[7]: 1 = WSM Ready 0 = WSM Busy Bus Operation Command Comments Read None Status Register Data. Idle None Check SR[1]: 1 =Block locked; operation aborted (Program Setup) (Confirm Data) 0 0 0 |