| 전자부품 데이터시트 검색엔진 |
|
PC48F3P0VT00 데이터시트(PDF) 89 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
PC48F3P0VT00 데이터시트(HTML) 89 Page - Intel Corporation |
|
89 / 102 page ![]() 1-Gbit P30 Family Datasheet Intel StrataFlash® Embedded Memory (P30) April 2005 Order Number: 306666, Revision: 001 89 Figure 44. Block Erase Flowchart Start FULL ERASE STATUS CHECK PROCEDURE Repeat for subsequent block erasures. Full Status register check can be done after each block erase or after a sequence of block erasures. Write 0xFF after the last operation to enter read array mode. Only the Clear Status Register command clears SR[1, 3, 4, 5]. If an error is detected, clear the Status register before attempting an erase retry or other error recovery. No Suspend Erase 1 0 0 0 1 1,1 1 1 0 Yes Suspend Erase Loop 0 Write 0x20, Block Address Write 0xD0, Block Address Read Status Register SR[7] = Full Erase Status Check (if desired) Block Erase Complete Read Status Register Block Erase Successful SR[1] = Block Locked Error BLOCK ERASE PROCEDURE Bus Operation Command Comments Write Block Erase Setup Data = 0x20 Addr = Block to be erased (BA) Write Erase Confirm Data = 0xD0 Addr = Block to be erased (BA) Read None Status Register data. Idle None Check SR[7]: 1 = WSM ready 0 = WSM busy Bus Operation Command Comments SR[3] = V PP Range Error SR[4,5] = Command Sequence Error SR[5] = Block Erase Error Idle None Check SR[3]: 1 = V PP Range Error Idle None Check SR[4,5]: Both 1 = Command Sequence Error Idle None Check SR[5]: 1 = Block Erase Error Idle None Check SR[1]: 1 = Attempted erase of locked block; erase aborted. (Block Erase) (Erase Confirm) |