전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32G071C8 데이터시트(PDF) 43 Page - STMicroelectronics

부품명 STM32G071C8
상세설명  Arm Cortex-M0 32-bit MCU, up to 128 KB Flash, 36 KB RAM
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G071C8 데이터시트(HTML) 43 Page - STMicroelectronics

Back Button STM32G071C8 Datasheet HTML 39Page - STMicroelectronics STM32G071C8 Datasheet HTML 40Page - STMicroelectronics STM32G071C8 Datasheet HTML 41Page - STMicroelectronics STM32G071C8 Datasheet HTML 42Page - STMicroelectronics STM32G071C8 Datasheet HTML 43Page - STMicroelectronics STM32G071C8 Datasheet HTML 44Page - STMicroelectronics STM32G071C8 Datasheet HTML 45Page - STMicroelectronics STM32G071C8 Datasheet HTML 46Page - STMicroelectronics STM32G071C8 Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 133 page
background image
DS12232 Rev 3
43/133
STM32G071x8/xB
Pinouts, pin description and alternate functions
47
D4 7
7
8
8
12 H3 18
PA1
I/O
FT_a
-
SPI1_SCK/I2S1_CK,
USART2_RTS_DE_CK,
TIM2_CH2, USART4_RX,
TIM15_CH1N, I2C1_SMBA,
EVENTOUT
COMP1_INP, ADC_IN1
E4
8
8
9
9
13 G3 19
PA2
I/O
FT_a
-
SPI1_MOSI/I2S1_SD,
USART2_TX, TIM2_CH3,
UCPD1_FRSTX,
TIM15_CH1, LPUART1_TX,
COMP2_OUT
COMP2_INM, ADC_IN2,
WKUP4,LSCO
C3 9
9
10 10 14 F3 20
PA3
I/O
FT_a
-
SPI2_MISO, USART2_RX,
TIM2_CH4,
UCPD2_FRSTX,
TIM15_CH2, LPUART1_RX,
EVENTOUT
COMP2_INP, ADC_IN3
-
-
-
-
-
15H421
PA4
I/O
TT_a
-
SPI1_NSS/I2S1_WS,
SPI2_MOSI, TIM14_CH1,
LPTIM2_OUT,
UCPD2_FRSTX,
EVENTOUT
ADC_IN4, DAC_OUT1,
RTC_OUT2
D3 10 10 11 11
-
-
-
PA4
I/O
TT_a
-
SPI1_NSS/I2S1_WS,
SPI2_MOSI, TIM14_CH1,
LPTIM2_OUT,
UCPD2_FRSTX,
EVENTOUT
ADC_IN4, DAC_OUT1,
TAMP_IN1,RTC_TS,
RTC_OUT1,WKUP2
E3 11 11 12 12 16 G4 22
PA5
I/O
TT_a
-
SPI1_SCK/I2S1_CK, CEC,
TIM2_CH1_ETR,
USART3_TX, LPTIM2_ETR,
UCPD1_FRSTX,
EVENTOUT
ADC_IN5, DAC_OUT2
C2 12 12 13 13 17 F4 23
PA6
I/O
FT_a
-
SPI1_MISO/I2S1_MCK,
TIM3_CH1, TIM1_BKIN,
USART3_CTS, TIM16_CH1,
LPUART1_CTS,
COMP1_OUT
ADC_IN6
D2 13 13 14 14 18 E4 24
PA7
I/O
FT_a
-
SPI1_MOSI/I2S1_SD,
TIM3_CH2, TIM1_CH1N,
TIM14_CH1, TIM17_CH1,
UCPD1_FRSTX,
COMP2_OUT
ADC_IN7
-
-
-
-
-
-
H5 25
PC4
I/O
FT_a
-
USART3_TX, USART1_TX,
TIM2_CH1_ETR
COMP1_INM,
ADC_IN17
Table 12. Pin assignment and description (continued)
Pin Number
Pin name
(function
upon reset)
Alternate
functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More