| 전자부품 데이터시트 검색엔진 |
|
STM32F722RCK6TR 데이터시트(PDF) 73 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F722RCK6TR 데이터시트(HTML) 73 Page - STMicroelectronics |
|
73 / 229 page ![]() 35 53 75 R14 94 - - - - - - PB14 I/O FT - TIM1_CH2N, TIM8_CH2N, SPI2_MISO, USART3_RTS, TIM12_CH1, SDMMC2_D0, OTG_HS_DM, EVENTOUT - - - - - - 56 J1 R14 L11 77 96 PB14 I/O FT - OTG_HS_DM - 36 54 76 R15 95 - - - - - - PB15 I/O FT - RTC_REFIN, TIM1_CH3N, TIM8_CH3N, SPI2_MOSI/I2S2_SD, TIM12_CH2, SDMMC2_D1, OTG_HS_DP, EVENTOUT - - - - - - 57 H1 R15 L12 78 97 PB15 I/O FT - OTG_HS_DP - - 55 77 P15 96 - - P15 L9 79 98 PD8 I/O FT - USART3_TX, FMC_D13, EVENTOUT - - 56 78 P14 97 - - P14 K9 80 99 PD9 I/O FT - USART3_RX, FMC_D14, EVENTOUT - - 57 79 N15 98 - - N15 J9 81 100 PD10 I/O FT - USART3_CK, FMC_D15, EVENTOUT - Table 10. STM32F722xx and STM32F723xx pin and ball definition (continued) Pin Number Pin name (function after reset)(1) Alternate functions Additional functions STM32F722xx STM32F723xx |