전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32F722VCK6TR 데이터시트(PDF) 74 Page - STMicroelectronics

부품명 STM32F722VCK6TR
상세설명  Arm Cortex-M7 32b MCUFPU, 462DMIPS, up to 512KB Flash
PDF  229 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F722VCK6TR 데이터시트(HTML) 74 Page - STMicroelectronics

Back Button STM32F722VCK6TR Datasheet HTML 70Page - STMicroelectronics STM32F722VCK6TR Datasheet HTML 71Page - STMicroelectronics STM32F722VCK6TR Datasheet HTML 72Page - STMicroelectronics STM32F722VCK6TR Datasheet HTML 73Page - STMicroelectronics STM32F722VCK6TR Datasheet HTML 74Page - STMicroelectronics STM32F722VCK6TR Datasheet HTML 75Page - STMicroelectronics STM32F722VCK6TR Datasheet HTML 76Page - STMicroelectronics STM32F722VCK6TR Datasheet HTML 77Page - STMicroelectronics STM32F722VCK6TR Datasheet HTML 78Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 229 page
background image
-
58
80
N14
99
58
F3
N14
H9
82
101
PD11
I/O
FT
-
USART3_CTS,
QUADSPI_BK1_IO0,
SAI2_SD_A,
FMC_A16/FMC_CLE,
EVENTOUT
-
-
59
81
N13 100
59
F2
N13 L10
83
102
PD12
I/O
FT
-
TIM4_CH1, LPTIM1_IN1,
USART3_RTS,
QUADSPI_BK1_IO1,
SAI2_FS_A,
FMC_A17/FMC_ALE,
EVENTOUT
-
-
60
82
M15 101
60
E3
M15 K10
84
103
PD13
I/O
FT
-
TIM4_CH2, LPTIM1_OUT,
QUADSPI_BK1_IO3,
SAI2_SCK_A, FMC_A18,
EVENTOUT
-
-
-
83
-
102
-
-
-
G8
85
104
VSS
S
-
-
-
-
-
-
84
J13 103
-
-
J13
F8
86
105
VDD
S
-
-
-
-
-
61
85
M14 104
61
F1
M14 K11
87
106
PD14
I/O
FT
-
TIM4_CH3, UART8_CTS,
FMC_D0, EVENTOUT
-
-
62
86
L14 105
62
E2
L14 K12
88
107
PD15
I/O
FT
-
TIM4_CH4, UART8_RTS,
FMC_D1, EVENTOUT
-
-
-
87
L15 106
-
-
L15
J12
89
108
PG2
I/O
FT
-
FMC_A12, EVENTOUT
-
-
-
88
K15 107
-
-
K15
J11
90
109
PG3
I/O
FT
-
FMC_A13, EVENTOUT
-
Table 10. STM32F722xx and STM32F723xx pin and ball definition (continued)
Pin Number
Pin name
(function after
reset)(1)
Alternate functions
Additional
functions
STM32F722xx
STM32F723xx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More