| 전자부품 데이터시트 검색엔진 |
|
STM32F723VCK6TR 데이터시트(PDF) 63 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F723VCK6TR 데이터시트(HTML) 63 Page - STMicroelectronics |
|
63 / 229 page ![]() - - - D2 7 - - D2 - - 7 PI8 I/O FT (2) (3) EVENTOUT RTC_TAMP2/ RTC_TS, WKUP5 2 7 7 D1 8 7 D10 D1 A1 7 8 PC13 I/O FT (2) (3) EVENTOUT RTC_TAMP1/ RTC_TS/ RTC_OUT, WKUP4 38 8 E1 9 8 E9 E1 B1 8 9 PC14- OSC32_IN(PC1 4) I/O FT (2) (3) (5) EVENTOUT OSC32_IN 49 9 F1 10 9 E10 F1 C1 9 10 PC15- OSC32_OUT(P C15) I/O FT (2) (3) (5) EVENTOUT OSC32_OUT - - - D3 11 - - D3 - - 11 PI9 I/O FT - UART4_RX, CAN1_RX, FMC_D30, EVENTOUT - - - - E3 12 - - E3 - - 12 PI10 I/O FT - FMC_D31, EVENTOUT - -- - E4 13 - - E4 - - 13 PI11 I/O FT (4) OTG_HS_ULPI_DIR, EVENTOUT WKUP6 - - - F2 14 - - F2 - - 14 VSS S - - - - -- - F3 15 - - F3 - - 15 VDD S - - - - Table 10. STM32F722xx and STM32F723xx pin and ball definition (continued) Pin Number Pin name (function after reset)(1) Alternate functions Additional functions STM32F722xx STM32F723xx |