전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ST-LINK/V2-ISOL 데이터시트(PDF) 11 Page - STMicroelectronics

부품명 ST-LINK/V2-ISOL
상세설명  ST-LINK/V2 in-circuit debugger/programmer for STM8 and STM32
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST-LINK/V2-ISOL 데이터시트(HTML) 11 Page - STMicroelectronics

Back Button ST-LINK/V2-ISOL Datasheet HTML 7Page - STMicroelectronics ST-LINK/V2-ISOL Datasheet HTML 8Page - STMicroelectronics ST-LINK/V2-ISOL Datasheet HTML 9Page - STMicroelectronics ST-LINK/V2-ISOL Datasheet HTML 10Page - STMicroelectronics ST-LINK/V2-ISOL Datasheet HTML 11Page - STMicroelectronics ST-LINK/V2-ISOL Datasheet HTML 12Page - STMicroelectronics ST-LINK/V2-ISOL Datasheet HTML 13Page - STMicroelectronics ST-LINK/V2-ISOL Datasheet HTML 14Page - STMicroelectronics ST-LINK/V2-ISOL Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
UM1075 Rev 8
11/19
UM1075
Hardware configuration
18
Figure 8. Target SWIM connector
Table 3 summarizes the signal names, functions, and target connection signals using the
separate-wires cable.
As the SWIM separate-wires cable has independent connectors for all pins on one side, it is
possible to connect the ST-LINK/V2-ISOL to an application board without a standard SWIM
connector. On this flat ribbon, all signals are referenced by a specific color and a label to
ease the connection on target.
TVCC, SWIM, GND and SWIM-RST can be connected to a low-cost 2.54 mm pitch
connector or to pin headers available on the target board.
Table 2. SWIM flat ribbon connections for ST-LINK/V2
Pin no.
Name
Function
Target connection
1
VDD
Target VCC(1)
1. The power supply from the application board is connected to the ST-LINK/V2 debugging and programming
board to ensure signal compatibility between both boards.
MCU VCC
2
DATA
SWIM
MCU SWIM pin
3
GND
GROUND
GND
4
RESET
RESET
MCU RESET pin
Table 3. SWIM low-cost cable connections for ST-LINK/V2-ISOL
Color
Cable pin name
Function
Target connection
Red
TVCC
Target VCC(1)
1. The power supply from the application board is connected to the ST-LINK/V2 debugging and programming
board to ensure signal compatibility between both boards.
MCU VCC
Green
UART-RX
Unused
Reserved (2)
(not connected on the target board)
2. BOOT0, UART-TX and UART-RX are reserved for future developments.
Blue
UART-TX
Yellow
BOOT0
Orange
SWIM
SWIM
MCU SWIM pin
Black
GND
GROUND
GND
White
SWIM-RST
RESET
MCU RESET pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19