전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STLINK-V3MODS 데이터시트(PDF) 20 Page - STMicroelectronics

부품명 STLINK-V3MODS
상세설명  STLINK-V3MODS and STLINK-V3MINI mini debuggers/programmers for STM32
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLINK-V3MODS 데이터시트(HTML) 20 Page - STMicroelectronics

Back Button STLINK-V3MODS Datasheet HTML 16Page - STMicroelectronics STLINK-V3MODS Datasheet HTML 17Page - STMicroelectronics STLINK-V3MODS Datasheet HTML 18Page - STMicroelectronics STLINK-V3MODS Datasheet HTML 19Page - STMicroelectronics STLINK-V3MODS Datasheet HTML 20Page - STMicroelectronics STLINK-V3MODS Datasheet HTML 21Page - STMicroelectronics STLINK-V3MODS Datasheet HTML 22Page - STMicroelectronics STLINK-V3MODS Datasheet HTML 23Page - STMicroelectronics STLINK-V3MODS Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 27 page
background image
Software configuration
UM2502
20/27
UM2502 Rev 1
10
Software configuration
10.1
Supporting toolchains (not exhaustive)
Table 7 gives a list of the first toolchain version supporting the STLINK-V3MODS and
STLINK-V3MINI products.
Note:
Some of the very first toolchain versions supporting the STLINK-V3MODS and STLINK-
V3MINI (in runtime) might not install the complete USB driver for STLINK-V3MODS and
STLINK-V3MINI (especially the STLINK-V3MODS bridge USB interface description might
miss). In that case, either use a more recent version of the toolchain, or update the STLINK-
V3MINI driver from www.st.com (see Section 10.2).
10.2
Drivers and firmware upgrade
The STLINK-V3MODS and STLINK-V3MINI require drivers to be installed on Windows, and
embed a firmware which needs to be updated from time to time in order to benefit from new
functionality or corrections. Refer to the Overview of ST-LINK derivatives technical note
(TN1235) for details.
10.3
STLINK-V3MODS and STLINK-V3MINI frequency selection
The STLINK-V3MODS and STLINK-V3MINI run internally at three different frequencies:
•
high-performance frequency
•
standard frequency, compromising between performance and consumption
•
low-consumption frequency
By default, the STLINK-V3MODS and STLINK-V3MINI start in high-performance frequency.
It is the responsibility of the toolchain provider to propose or not the frequency selection at
user's level.
10.4
Mass storage interface
The STLINK-V3MODS and STLINK-V3MINI implement a virtual mass storage interface
allowing the programming of an STM32 target flash memory with drag-and-drop action of a
binary file from a file explorer. This ability requires the STLINK-V3MODS and STLINK-
Table 7. Toolchain versions supporting STLINK-V3MODS and STLINK-V3MINI
Toolchain
Description
Minimum
Version
STM32CubeProgrammer
ST Programming tool for ST microcontrollers
1.1.0
SW4STM32
Free IDE on Windows, Linux and macOS
2.4.0
IAR EWARM
Third party debugger for STM32
8.20
Keil MDK-ARM
Third party debugger for STM32
5.26
STVP
ST Programming tool for ST microcontrollers
3.4.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27