전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32F723VCY6TR 데이터시트(PDF) 7 Page - STMicroelectronics

부품명 STM32F723VCY6TR
상세설명  Arm Cortex-M7 32b MCUFPU, 462DMIPS, up to 512KB Flash
PDF  229 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F723VCY6TR 데이터시트(HTML) 7 Page - STMicroelectronics

Back Button STM32F723VCY6TR Datasheet HTML 3Page - STMicroelectronics STM32F723VCY6TR Datasheet HTML 4Page - STMicroelectronics STM32F723VCY6TR Datasheet HTML 5Page - STMicroelectronics STM32F723VCY6TR Datasheet HTML 6Page - STMicroelectronics STM32F723VCY6TR Datasheet HTML 7Page - STMicroelectronics STM32F723VCY6TR Datasheet HTML 8Page - STMicroelectronics STM32F723VCY6TR Datasheet HTML 9Page - STMicroelectronics STM32F723VCY6TR Datasheet HTML 10Page - STMicroelectronics STM32F723VCY6TR Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 229 page
background image
DS11853 Rev 6
7/229
STM32F722xx STM32F723xx
List of tables
9
List of tables
Table 1.
Device summary . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2
Table 2.
STM32F722xx and STM32F723xx features and peripheral counts . . . . . . . . . . . . . . . . . . 15
Table 3.
Voltage regulator configuration mode versus device operating mode . . . . . . . . . . . . . . . . 33
Table 4.
Regulator ON/OFF and internal reset ON/OFF availability. . . . . . . . . . . . . . . . . . . . . . . . . 36
Table 5.
Voltage regulator modes in stop mode . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 37
Table 6.
Timer feature comparison . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 39
Table 7.
I2C implementation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 42
Table 8.
USART implementation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 43
Table 9.
Legend/abbreviations used in the pinout table . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 61
Table 10.
STM32F722xx and STM32F723xx pin and ball definition . . . . . . . . . . . . . . . . . . . . . . . . . 62
Table 11.
FMC pin definition . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 86
Table 12.
STM32F722xx and STM32F723xx alternate function mapping. . . . . . . . . . . . . . . . . . . . . 89
Table 13.
Voltage characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 104
Table 14.
Current characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 105
Table 15.
Thermal characteristics. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 106
Table 16.
General operating conditions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 106
Table 17.
Limitations depending on the operating power supply range . . . . . . . . . . . . . . . . . . . . . . 108
Table 18.
VCAP1/VCAP2 operating conditions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 109
Table 19.
VCAP1 operating conditions in the LQFP64 package . . . . . . . . . . . . . . . . . . . . . . . . . . . 110
Table 20.
Operating conditions at power-up / power-down (regulator ON) . . . . . . . . . . . . . . . . . . . 110
Table 21.
Operating conditions at power-up / power-down (regulator OFF). . . . . . . . . . . . . . . . . . . 110
Table 22.
reset and power control block characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 111
Table 23.
Over-drive switching characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 112
Table 24.
Typical and maximum current consumption in Run mode, code with data processing
running from ITCM RAM, regulator ON . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 113
Table 25.
Typical and maximum current consumption in Run mode, code with data processing
running from Flash memory (ART ON except prefetch / L1-cache ON)
or SRAM on AXI (L1-cache ON), regulator ON . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 114
Table 26.
Typical and maximum current consumption in Run mode, code with data processing
running from Flash memory or SRAM on AXI (L1-cache disabled), regulator ON . . . . . 115
Table 27.
Typical and maximum current consumption in Run mode, code with data processing
running from Flash memory on ITCM interface (ART disabled), regulator ON . . . . . . . . 116
Table 28.
Typical and maximum current consumption in Run mode, code with data processing
running from Flash memory (ART ON except prefetch / L1-cache ON)
or SRAM on AXI (L1-cache ON), regulator OFF. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 117
Table 29.
Typical and maximum current consumption in Sleep mode, regulator ON. . . . . . . . . . . . 118
Table 30.
Typical and maximum current consumption in Sleep mode, regulator OFF . . . . . . . . . . . 118
Table 31.
Typical and maximum current consumptions in Stop mode . . . . . . . . . . . . . . . . . . . . . . . 119
Table 32.
Typical and maximum current consumptions in Standby mode . . . . . . . . . . . . . . . . . . . . 120
Table 33.
Typical and maximum current consumptions in VBAT mode. . . . . . . . . . . . . . . . . . . . . . . 121
Table 34.
Switching output I/O current consumption . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 125
Table 35.
Peripheral current consumption . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 127
Table 36.
USB OTG HS and USB OTG PHY HS current consumption . . . . . . . . . . . . . . . . . . . . . . 130
Table 37.
Low-power mode wakeup timings . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 130
Table 38.
High-speed external user clock characteristics. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 131
Table 39.
Low-speed external user clock characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 132
Table 40.
HSE 4-26 MHz oscillator characteristics. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 133
Table 41.
LSE oscillator characteristics (fLSE = 32.768 kHz) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 134



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More