| 전자부품 데이터시트 검색엔진 |
|
STM32F722VCT7TR 데이터시트(PDF) 17 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F722VCT7TR 데이터시트(HTML) 17 Page - STMicroelectronics |
|
17 / 229 page ![]() DS11853 Rev 6 17/229 STM32F722xx STM32F723xx Description 49 2.1 Full compatibility throughout the family The STM32F722xx devices are fully pin-to-pin, compatible with the STM32F7x5xx, STM32F7x6xx, STM32F7x7xx devices. The STM32F722xx devices are fully pin-to-pin, compatible with the STM32F4xxxx devices, allowing the user to try different peripherals, and reaching higher performances (higher frequency) for a greater degree of freedom during the development cycle. Figure 1 and Figure 2 give compatible board designs between the STM32F722xx, with LQFP64 and LQFP100 packages, and STM32F4xx families. Figure 1. Compatible board design for LQFP100 package MSv41001V2 18 19 20 21 22 23 24 25 PC3 VDD VSSA VREF+ VDDA 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 STM32F427xx / STM32F437xx STM32F429xx / STM32F439xx STM32F415xx / STM32F417xx STM32F405xx / STM32F407xx STM32F72xxx 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 PC3 VSSA VREF+ VDDA Pins 19 to 49 are not compatible PA0-WKUP PA1 PA2 PA3 PA0-WKUP PA1 PA2 |