| 전자부품 데이터시트 검색엔진 |
|
STM32F722VCK7TR 데이터시트(PDF) 91 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F722VCK7TR 데이터시트(HTML) 91 Page - STMicroelectronics |
|
91 / 229 page ![]() Port B PB9 - - TIM4_CH4 TIM11_CH1 I2C1_SDA SPI2_NSS /I2S2_WS - - - CAN1_TX SDMMC2_ D5 - SDMMC1 _D5 EVEN TOUT PB10 - TIM2_CH3 - - I2C2_SCL SPI2_SCK /I2S2_CK - USART3_TX - - OTG_HS_U LPI_D3 -- EVEN TOUT PB11 - TIM2_CH4 - - I2C2_SDA - - USART3_RX - - OTG_HS_U LPI_D4 -- EVEN TOUT PB12 - TIM1_BKI N -- I2C2_SMB A SPI2_NSS /I2S2_WS - USART3_CK - - OTG_HS_U LPI_D5 - OTG_HS_ ID EVEN TOUT PB13 - TIM1_CH1 N -- - SPI2_SCK /I2S2_CK - USART3_CT S -- OTG_HS_U LPI_D6 -- EVEN TOUT PB14 - TIM1_CH2 N - TIM8_CH2 N - SPI2_MIS O - USART3_RT S - TIM12_CH1 SDMMC2_ D0 - OTG_HS_ DM EVEN TOUT PB15 RTC_REF IN TIM1_CH3 N - TIM8_CH3 N - SPI2_MO SI/I2S2_S D - - - TIM12_CH2 SDMMC2_ D1 - OTG_HS_ DP EVEN TOUT Port C PC0 - -- - - -- - SAI2_FS_B - OTG_HS_U LPI_STP - FMC_SDN WE EVEN TOUT PC1 TRACED0 - - - - SPI2_MO SI/I2S2_S D SAI1_SD_ A -- - - - - EVEN TOUT PC2 - - - - - SPI2_MIS O -- - - OTG_HS_U LPI_DIR - FMC_SDN E0 EVEN TOUT PC3 - - - - - SPI2_MO SI/I2S2_S D -- - - OTG_HS_U LPI_NXT - FMC_SDC KE0 EVEN TOUT Table 12. STM32F722xx and STM32F723xx alternate function mapping (continued) Port AF0 AF1 AF2 AF3 AF4 AF5 AF6 AF7 AF8 AF9 AF10 AF11 AF12 AF15 SYS TIM1/2 TIM3/4/5 TIM8/9/10/1 1/LPTIM1 I2C1/2/3/U SART1 SPI1/I2S1/ SPI2/I2S2/ SPI3/I2S3/ SPI4/5 SPI2/I2S2/ SPI3/I2S3/ SPI3/I2S3/ SAI1/ UART4 SPI2/I2S2/S PI3/I2S3/US ART1/2/3/UA RT5 SAI2/USART 6/UART4/5/7/ 8/OTG1_FS CAN1/TIM1 2/13/14/QU ADSPI/ FMC/ OTG2_HS SAI2/QUAD SPI/SDMM C2/OTG2_ HS/OTG1_ FS SDMMC2 UART7/F MC/SDM MC1/ OTG2_FS SYS |