| 전자부품 데이터시트 검색엔진 |
|
STM32F722IEK7TR 데이터시트(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F722IEK7TR 데이터시트(HTML) 2 Page - STMicroelectronics |
|
2 / 229 page ![]() STM32F722xx STM32F723xx 2/229 DS11853 Rev 6 – 1 x CAN (2.0B active) – 2 x SDMMCs • Advanced connectivity – USB 2.0 full-speed device/host/OTG controller with on-chip PHY – USB 2.0 high-speed/full-speed device/host/OTG controller with dedicated DMA, on-chip full-speed PHY and on-chip Hi-speed PHY or ULPI depending on the part number • True random number generator • CRC calculation unit • RTC: subsecond accuracy, hardware calendar • 96-bit unique ID Table 1. Device summary Reference Part number STM32F722xx STM32F722IC, STM32F722IE, STM32F722RC, STM32F722RE, STM32F722VC, STM32F722VE, STM32F722ZC, STM32F722ZE STM32F723xx STM32F723IC, STM32F723IE, STM32F723VC, STM32F723VE, STM32F723ZC, STM32F723ZE |